Electronic Components Datasheet Search
  English  ▼

X  

TLE4471 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE4471
Description  Triple Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4471 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE4471 Datasheet HTML 1Page - Infineon Technologies AG TLE4471 Datasheet HTML 2Page - Infineon Technologies AG TLE4471 Datasheet HTML 3Page - Infineon Technologies AG TLE4471 Datasheet HTML 4Page - Infineon Technologies AG TLE4471 Datasheet HTML 5Page - Infineon Technologies AG TLE4471 Datasheet HTML 6Page - Infineon Technologies AG TLE4471 Datasheet HTML 7Page - Infineon Technologies AG TLE4471 Datasheet HTML 8Page - Infineon Technologies AG TLE4471 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TLE 4471
Data Sheet Rev. 1.1
4
2001-09-06
14
EN
Enable Input; enables Q3
15
REF3
Reference Output; Reference Voltage related to Q3.
16
E3
Enable 3: Enable for Main Output Q1 and Q2; E1, E2 and E3 are
ored together; connect to GND, if not needed.
17
Q3
Tracker Output Q3; block to GND with min. 10
µF with
ESR
< 3 Ω.
18
W
Watchdog Trigger Input; positive edge triggered input for
monitoring a microcontroller.
19
DW
Watchdog Delay; connect a capacitor to GND for watchdog
trigger time adjustment.
Pin Definitions and Functions (cont’d)
Pin No.
Symbol Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com