Electronic Components Datasheet Search
  English  ▼

X  

TLHP4201 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLHP4201
Description  High Efficiency LED, 3 mm Tinted Undiffused Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHP4201 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLHP4201 Datasheet HTML 1Page - Vishay Siliconix TLHP4201 Datasheet HTML 2Page - Vishay Siliconix TLHP4201 Datasheet HTML 3Page - Vishay Siliconix TLHP4201 Datasheet HTML 4Page - Vishay Siliconix TLHP4201 Datasheet HTML 5Page - Vishay Siliconix TLHP4201 Datasheet HTML 6Page - Vishay Siliconix TLHP4201 Datasheet HTML 7Page - Vishay Siliconix TLHP4201 Datasheet HTML 8Page - Vishay Siliconix TLHP4201 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
VISHAY
TLHG / O / P / R / Y420.
Document Number 83005
Rev. 1.3, 31-Aug-04
Vishay Semiconductors
www.vishay.com
3
Yellow
TLHY42..
1) in one Packing Unit I
Vmin/IVmax ≤ 0.5
Green
TLHG42..
1) in one Packing Unit I
Vmin/IVmax ≤ 0.5
Pure green
TLHP42..
1) in one Packing Unit I
Vmin/IVmax ≤ 0.5
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Luminous intensity 1)
IF = 10 mA
TLHY4200
IV
410
mcd
TLHY4201
IV
6.3
15
mcd
TLHY4205
IV
10
20
mcd
Dominant wavelength
IF = 10 mA
λd
581
594
nm
Peak wavelength
IF = 10 mA
λp
585
nm
Angle of half intensity
IF = 10 mA
ϕ
± 22
deg
Forward voltage
IF = 20 mA
VF
2.4
3
V
Reverse voltage
IR = 10 µAVR
615
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Luminous intensity 1)
IF = 10 mA
TLHG4200
IV
6.3
10
mcd
TLHG4201
IV
10
15
mcd
TLHG4205
IV
16
20
mcd
Dominant wavelength
IF = 10 mA
λd
562
575
nm
Peak wavelength
IF = 10 mA
λp
565
nm
Angle of half intensity
IF = 10 mA
ϕ
± 22
deg
Forward voltage
IF = 20 mA
VF
2.4
3
V
Reverse voltage
IR = 10 µAVR
615
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Luminous intensity 1)
IF = 10 mA
TLHP4200
IV
2.5
7
mcd
TLHP4201
IV
6.3
20
mcd
Dominant wavelength
IF = 10 mA
λd
555
565
nm
Peak wavelength
IF = 10 mA
λp
555
nm
Angle of half intensity
IF = 10 mA
ϕ
± 22
deg
Forward voltage
IF = 20 mA
VF
2.4
3
V
Reverse voltage
IR = 10 µAVR
615
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com