Electronic Components Datasheet Search
  English  ▼

X  

TLHP4201 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TLHP4201
Description  High Efficiency LED, 3 mm Tinted Undiffused Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHP4201 Datasheet(HTML) 5 Page - Vishay Siliconix

  TLHP4201 Datasheet HTML 1Page - Vishay Siliconix TLHP4201 Datasheet HTML 2Page - Vishay Siliconix TLHP4201 Datasheet HTML 3Page - Vishay Siliconix TLHP4201 Datasheet HTML 4Page - Vishay Siliconix TLHP4201 Datasheet HTML 5Page - Vishay Siliconix TLHP4201 Datasheet HTML 6Page - Vishay Siliconix TLHP4201 Datasheet HTML 7Page - Vishay Siliconix TLHP4201 Datasheet HTML 8Page - Vishay Siliconix TLHP4201 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
VISHAY
TLHG / O / P / R / Y420.
Document Number 83005
Rev. 1.3, 31-Aug-04
Vishay Semiconductors
www.vishay.com
5
Figure 7. Rel. Lumin. Intensity vs. Forw. Current/Duty Cycle
Figure 8. Relative Luminous Intensity vs. Forward Current
Figure 9. Relative Intensity vs. Wavelength
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
95 10321
500
0.5
0.2
0.1
0.05
0.02
1
IF (mA)
tp/T
2.0
Red
0.01
0.1
1
10
IF - Forward Current ( mA )
100
10
95 10029
Red
1
590
610
630
650
670
0
0.2
0.4
0.6
0.8
1.2
690
95 10040
ı
λ - Wavelength ( nm )
1.0
Red
Figure 10. Forward Current vs. Forward Voltage
Figure 11. Rel. Luminous Intensity vs. Ambient Temperature
Figure 12. Rel. Lumin. Intensity vs. Forw. Current/Duty Cycle
0.1
1
10
100
95 9990
Soft Orange
VF - Forward Voltage(V)
5
4
3
2
1
0
95 9994
Soft Orange
0
0.4
0.8
1.2
1.6
2.0
100
Tamb- Ambient Temperature (°C)
0
20406080
95 10259
Soft Orange
10
20
50
100 200
0
0.4
0.8
1.2
1.6
2.4
500
0.5
0.2
0.1 0.05
0.02
1
IF (mA)
tp/T
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com