Electronic Components Datasheet Search
  English  ▼

X  

PBK-3 Datasheet(PDF) 8 Page - CUI INC

Part # PBK-3
Description  up to 3 W continuous output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBK-3 Datasheet(HTML) 8 Page - CUI INC

  PBK-3 Datasheet HTML 1Page - CUI INC PBK-3 Datasheet HTML 2Page - CUI INC PBK-3 Datasheet HTML 3Page - CUI INC PBK-3 Datasheet HTML 4Page - CUI INC PBK-3 Datasheet HTML 5Page - CUI INC PBK-3 Datasheet HTML 6Page - CUI INC PBK-3 Datasheet HTML 7Page - CUI INC PBK-3 Datasheet HTML 8Page - CUI INC PBK-3 Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
cui.com
date
03/25/2014 │ page 8 of 9
CUI Inc
│ SERIES: PBK-3 │ DESCRIPTION: AC-DC POWER SUPPLY
EMC RECOMMENDED CIRCUIT
Recommended External Circuit Components
MOV2
S10K300
CY1, CY2
1nF/400Vac
CX
0.1μF/275Vac
LCM
3.5mH
LDM
5mH
FUSE
1A/250V, slow blow
Figure 3
Table 3
AC ( N )
AC( L)
AC(L )
MOV 2
LC M
CX
CY 1
CY 2
AC-DC
C1
+
5
FU SE
12
CY 0
10
7
AC ( N )
-V o
+V o
L1
+
+
C2
C3
TVS
R L
C4
LD M
Notes:
1. C1 and C3 are electrolytic capacitors. They are required for both AC input and DC input.
2. For AC input, C1 is used as a filter capacitor. The recommended C1 value is 22 μF/400 V.
3. For DC input, C1 is used as an EMC filter capacitor. The recommended C1 value is 10μF/400V. When the input voltage is above 370VDC, we recommend a 10μF/450V capacitor.
4. C2 and C3 are output filer capacitors, we recommend high frequency and low impedance electrolytic capacitors. For capacitance and rated ripple current of capacitors refer to
the datasheets provided by the manufacturers, voltage derating of capacitors should be 80% or above.
5. C4 is a ceramic capacitor which is used to filter high frequency noise. C2, C3 and L1 form a pi-type filter circuit. For current of L1 and L2 refer to the datasheets provided by
the manufacturers, current derating should be 80% or above. TVS is a recommended component to protect post-circuits (if converter fails). We recommend using a 5D-9
external input NTC.
6. For standard EMC requirements, please refer to figure 2. If a higher EMC is required, please refer to figure 3.
7. All specifications measured at Ta=25C, humidity <75%, 115 Vac & 230 Vac input voltage, and rated output load, unless otherwise specified.
Note:
Also refer to Table 2.
TYPICAL APPLICATION CIRCUIT
1
+Vo
-Vo
10
12
AC( L)
AC(N)
C1
+
5
3
MOV1
7
AC-DC
C2
C3 TVS
RL
+
L1
(1)
+
C4
L2
CY0
Note: (1) is Pi filter circuit.
Figure 2
Table 2
Recommended External Circuit Components
V
OUT
(Vdc)
C11
L2
C21
L11
C31
C4
CY0
FUSE1
TVS
NTC
MOV1
3.3
22μF/400V 5mH 330μF/25V 2.2μH 120μF/25V 0.1μF/50V 1nF/400Vac
1A/250V
SMBJ7.0A
5D-9
S14K350
522μF/400V 5mH 330μF/25V 2.2μH68μF/35V
0.1μF/50V 1nF/400Vac
1A/250V
SMBJ7.0A
5D-9
S14K350
922μF/400V 5mH 330μF/25V 2.2μH68μF/35V
0.1μF/50V 1nF/400Vac
1A/250V
SMBJ12A
5D-9
S14K350
12
22μF/400V 5mH 150μF/35V 2.2μH68μF/35V
0.1μF/50V 1nF/400Vac
1A/250V
SMBJ20A
5D-9
S14K350
15
22μF/400V 5mH 150μF/35V 2.2μH68μF/35V
0.1μF/50V 1nF/400Vac
1A/250V
SMBJ20A
5D-9
S14K350
24
22μF/400V 5mH 100μF/35V 2.2μH68μF/35V
0.1μF/50V 1nF/400Vac
1A/250V
SMBJ30A
5D-9
S14K350
Note:
1. Required components.
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com