Electronic Components Datasheet Search
  English  ▼

X  

PBK-3 Datasheet(PDF) 9 Page - CUI INC

Part # PBK-3
Description  up to 3 W continuous output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBK-3 Datasheet(HTML) 9 Page - CUI INC

  PBK-3 Datasheet HTML 1Page - CUI INC PBK-3 Datasheet HTML 2Page - CUI INC PBK-3 Datasheet HTML 3Page - CUI INC PBK-3 Datasheet HTML 4Page - CUI INC PBK-3 Datasheet HTML 5Page - CUI INC PBK-3 Datasheet HTML 6Page - CUI INC PBK-3 Datasheet HTML 7Page - CUI INC PBK-3 Datasheet HTML 8Page - CUI INC PBK-3 Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
date
03/25/2014 │ page 9 of 9
CUI Inc
│ SERIES: PBK-3 │ DESCRIPTION: AC-DC POWER SUPPLY
CUI offers a two (2) year limited warranty. Complete warranty information is listed on our website.
CUI reserves the right to make changes to the product at any time without notice. Information provided by CUI is believed to be accurate and reliable. However, no responsibility is
assumed by CUI for its use, nor for any infringements of patents or other rights of third parties which may result from its use.
CUI products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. A critical component is any component of a
life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Headquarters
20050 SW 112th Ave.
Tualatin, OR 97062
800.275.4899
Fax 503.612.2383
cui.com
techsupport@cui.com
rev.
description
date
1.0
initial release
08/09/2013
1.01
added 3.3 Vdc output model, added bent pin model options, updated
emc recommendations
03/25/2014
The revision history provided is for informational purposes only and is believed to be accurate.
REVISION HISTORY
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com