Electronic Components Datasheet Search
  English  ▼

X  

RCP-01 Datasheet(PDF) 2 Page - CUI INC

Part # RCP-01
Description  RCA PLUG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

RCP-01 Datasheet(HTML) 2 Page - CUI INC

  RCP-01 Datasheet HTML 1Page - CUI INC RCP-01 Datasheet HTML 2Page - CUI INC RCP-01 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ SERIES: RCP-01 │ DESCRIPTION: RCA PLUG
date 07/24/2015
│ page 2 of 3
MECHANICAL DRAWING
MATERIAL
PLATING
earth terminal
brass
nickel
tip terminal
brass
nickel
barrel
brass
nickel
cover
ABS
color
barrel housing
ABS
color
0.327
8.3
0.720
18.3
0.563
14.3
0.772
19.6
36.51.437
M9
12.0 0.472
3.2 0.126
0.354
9.0
3.00.118
6.40.252
units: mm[inches]
tolerance: ±0.3 mm
unless otherwise specified
For more information, please visit the product page.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com