Electronic Components Datasheet Search
  English  ▼

X  

RCP-01 Datasheet(PDF) 1 Page - CUI INC

Part # RCP-01
Description  RCA PLUG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

RCP-01 Datasheet(HTML) 1 Page - CUI INC

  RCP-01 Datasheet HTML 1Page - CUI INC RCP-01 Datasheet HTML 2Page - CUI INC RCP-01 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 07/24/2015
page 1 of 3
cui.com
SERIES: RCP-01
│ DESCRIPTION: RCA PLUG
FEATURES
• modular RCA plug connector
• available in multiple colors
RCP-01 X
Color Options
1 = black
2 = red
3 = white
4 = yellow
5 = blue
6 = green
Base Number
PART NUMBER KEY
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
12
Vdc
rated input current
5
A
contact resistance
30
mΩ
insulation resistance
at 500 Vdc
100
MΩ
voltage withstand
for 1 minute
500
Vac
operating temperature
-40
40
°C
life
5,000
cycles
flammability
UL94HB
RoHS
2011/65/EU
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
for 3~5 seconds
340
°C
For more information, please visit the product page.


Similar Part No. - RCP-01

ManufacturerPart #DatasheetDescription
logo
CUI INC
RCP-011 CUI-RCP-011 Datasheet
240Kb / 1P
RCA PLUG, MODULAR, PLASTIC HANDLE
RCP-011 CUI-RCP-011 Datasheet
225Kb / 3P
RCA PLUG
RCP-012 CUI-RCP-012 Datasheet
240Kb / 1P
RCA PLUG, MODULAR, PLASTIC HANDLE
RCP-012 CUI-RCP-012 Datasheet
225Kb / 3P
RCA PLUG
RCP-013 CUI-RCP-013 Datasheet
240Kb / 1P
RCA PLUG, MODULAR, PLASTIC HANDLE
More results

Similar Description - RCP-01

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6878 POMONA-6878 Datasheet
80Kb / 1P
쩌??Plug (mono) / RCA Jack, 쩌??Jack (mono) / RCA Plug
6880 POMONA-6880 Datasheet
90Kb / 1P
RCA Jack, RCA Plug
logo
Assmann Electronics Inc...
AK-AV501-R ASSMANN-AK-AV501-R Datasheet
80Kb / 1P
2X RCA PLUG
logo
Adam Technologies, Inc.
RCP-22-W-1-C4 ADAM-TECH-RCP-22-W-1-C4 Datasheet
81Kb / 1P
RCA PLUG
RCP-22-W-1-C5 ADAM-TECH-RCP-22-W-1-C5 Datasheet
94Kb / 1P
RCA PLUG
logo
CUI INC
RCP-01X CUI-RCP-01X Datasheet
225Kb / 3P
RCA PLUG
logo
Switchcraft, Inc.
RCA05RCA SWITCH-RCA05RCA Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
RCA05RCAB SWITCH-RCA05RCAB Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
RCA10RCA SWITCH-RCA10RCA Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
RCA10RCAB SWITCH-RCA10RCAB Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com