Electronic Components Datasheet Search
  English  ▼

X  

STM704SDS6F Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM704SDS6F
Description  3V Supervisor with Battery Switchover
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM704SDS6F Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM704SDS6F Datasheet HTML 9Page - STMicroelectronics STM704SDS6F Datasheet HTML 10Page - STMicroelectronics STM704SDS6F Datasheet HTML 11Page - STMicroelectronics STM704SDS6F Datasheet HTML 12Page - STMicroelectronics STM704SDS6F Datasheet HTML 13Page - STMicroelectronics STM704SDS6F Datasheet HTML 14Page - STMicroelectronics STM704SDS6F Datasheet HTML 15Page - STMicroelectronics STM704SDS6F Datasheet HTML 16Page - STMicroelectronics STM704SDS6F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
13/31
STM690/704/795/802/804/805/806
TYPICAL OPERATING CHARACTERISTICS
Note: Typical values are at TA = 25°C.
Figure 16. VBAT-to-VOUT On-Resistance vs. Temperature
Figure 17. Supply Current vs. Temperature (no load)
100
120
140
160
180
200
220
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE [
°C]
VBAT = 2V
VBAT = 3V
VBAT = 3.3V
VBAT = 5V
VCC = 0V
AI09140
0
5
10
15
20
25
30
–50
–40
–30
–20
–10
0
10
20
30
40
50
60
70
80
90
100
TEMPERATURE [
°C]
2.5V
3.3V
3.6V
5.0V
5.5V
AI09141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com