Electronic Components Datasheet Search
  English  ▼

X  

STM704SDS6F Datasheet(PDF) 26 Page - STMicroelectronics

Part # STM704SDS6F
Description  3V Supervisor with Battery Switchover
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM704SDS6F Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STM704SDS6F Datasheet HTML 22Page - STMicroelectronics STM704SDS6F Datasheet HTML 23Page - STMicroelectronics STM704SDS6F Datasheet HTML 24Page - STMicroelectronics STM704SDS6F Datasheet HTML 25Page - STMicroelectronics STM704SDS6F Datasheet HTML 26Page - STMicroelectronics STM704SDS6F Datasheet HTML 27Page - STMicroelectronics STM704SDS6F Datasheet HTML 28Page - STMicroelectronics STM704SDS6F Datasheet HTML 29Page - STMicroelectronics STM704SDS6F Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
STM690/704/795/802/804/805/806
26/31
PACKAGE MECHANICAL
Figure 38. SO8 – 8-lead Plastic Small Outline, 150 mils body width, Package Mech. Drawing
Note: Drawing is not to scale.
Table 8. SO8 – 8-lead Plastic Small Outline, 150 mils body width, Package Mechanical Data
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
–
1.35
1.75
–
0.053
0.069
A1
–
0.10
0.25
–
0.004
0.010
B
–
0.33
0.51
–
0.013
0.020
C
–
0.19
0.25
–
0.007
0.010
D
–
4.80
5.00
–
0.189
0.197
ddd
–
–0.10–
–
0.004
E
–
3.80
4.00
–
0.150
0.157
e1.27–
–
0.050
–
–
H
–
5.80
6.20
–
0.228
0.244
h
–
0.25
0.50
–
0.010
0.020
L
–
0.40
0.90
–
0.016
0.035
α
–0°
8°
–
0°
8°
N8
8
SO-A
E
8
ddd
B
e
A
D
C
L
A1
α
1
H
h x 45˚
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com