Electronic Components Datasheet Search
  English  ▼

X  

TPS2223 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2223
Description  DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2223 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2223 Datasheet HTML 9Page - Texas Instruments TPS2223 Datasheet HTML 10Page - Texas Instruments TPS2223 Datasheet HTML 11Page - Texas Instruments TPS2223 Datasheet HTML 12Page - Texas Instruments TPS2223 Datasheet HTML 13Page - Texas Instruments TPS2223 Datasheet HTML 14Page - Texas Instruments TPS2223 Datasheet HTML 15Page - Texas Instruments TPS2223 Datasheet HTML 16Page - Texas Instruments TPS2223 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
TPS2223, TPS2224, TPS2226
DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES
FOR SERIAL PCMCIA CONTROLLERS
SLVS317 – MAY 2001
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Figure 15
1.04
1.06
1.08
1.1
1.12
1.14
1.16
1.18
1.2
1.22
–50
–20
10
40
70
100
RISE TIME, xVCC
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
xVCC = 5 V
IO = 0.75 A
CL = 150 µF
Figure 16
2.34
2.35
2.36
2.37
2.38
2.39
2.4
2.41
–50
–20
10
40
70
100
FALL TIME, xVCC
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
xVCC = 5 V
IO = 0.75 A
CL 150 µF
Figure 17
0.575
0.58
0.585
0.59
0.595
0.6
0.605
–50
–20
10
40
70
100
RISE TIME, xVPP
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
xVPP = 12 V
IO = 0.05 A
CL 10 µF
Figure 18
3.85
3.9
3.95
4
4.05
4.1
4.15
–50
–20
10
40
70
100
FALL TIME, xVPP
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
xVPP = 12 V
IO = 0.05 A
CL = 10 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com