Electronic Components Datasheet Search
  English  ▼

X  

TPS2223 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2223
Description  DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2223 Datasheet(HTML) 2 Page - Texas Instruments

  TPS2223 Datasheet HTML 1Page - Texas Instruments TPS2223 Datasheet HTML 2Page - Texas Instruments TPS2223 Datasheet HTML 3Page - Texas Instruments TPS2223 Datasheet HTML 4Page - Texas Instruments TPS2223 Datasheet HTML 5Page - Texas Instruments TPS2223 Datasheet HTML 6Page - Texas Instruments TPS2223 Datasheet HTML 7Page - Texas Instruments TPS2223 Datasheet HTML 8Page - Texas Instruments TPS2223 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
TPS2223, TPS2224, TPS2226
DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES
FOR SERIAL PCMCIA CONTROLLERS
SLVS317 – MAY 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
5V
5V
DATA
CLOCK
LATCH
NC
12V
AVPP
AVCC
AVCC
AVCC
GND
NC
RESET
3.3V
5V
NC
NC
NC
NC
SHDN
12V
BVPP
BVCC
BVCC
BVCC
NC
OC
3.3V
3.3V
TPS2226
DB PACKAGE
(TOP VIEW)
NC – No internal connection
functional block diagram†
CS
CS
S1
S4
‡
‡
CS
S7
‡
CS
S11
‡
Control Logic
SHDN
RESET
DATA
CLOCK
LATCH
OC
GND
UVLO
POR
Current Limit
Thermal Limit
S2
S5
S3
S6
S8
S9
S10
S12
S13
S14
Discharge
Element
13
14
3.3 V
3.3 V
Power
Inputs
3.3V
1
2
24
5 V
5 V
5 V
Power
Inputs
5V
7
12 V§
Power
Inputs
12V
20
12 V§
21
12
3
4
5
15
9
10
AVCC
AVCC
17
18
BVCC
BVCC
8
AVPP
19
BVPP
11
§
† Diagram shown for 24-pin DB package.
‡ Current sense
§ The two 12-V pins must be externally connected.
¶ No Connections for TPS2223



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com