Electronic Components Datasheet Search
  English  ▼

X  

TPS62102 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62102
Description  MULTIMODE LOW POWER BUCK CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62102 Datasheet(HTML) 2 Page - Texas Instruments

  TPS62102 Datasheet HTML 1Page - Texas Instruments TPS62102 Datasheet HTML 2Page - Texas Instruments TPS62102 Datasheet HTML 3Page - Texas Instruments TPS62102 Datasheet HTML 4Page - Texas Instruments TPS62102 Datasheet HTML 5Page - Texas Instruments TPS62102 Datasheet HTML 6Page - Texas Instruments TPS62102 Datasheet HTML 7Page - Texas Instruments TPS62102 Datasheet HTML 8Page - Texas Instruments TPS62102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TPS62100, TPS62101, TPS62102, TPS62103
MULTIMODE LOW POWER BUCK CONVERTER
SLUS446B – MAY 2000 – REVISED DECEMBER 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS{
TA
OPERATING FREQUENCY
PACKAGED DEVICES
TA
OPERATING FREQUENCY
SOIC (D)
300 kHz
TPS62100D
TA
40
°Cto85°C
600 kHz
TPS62101D
TA = –40°C to 85°C
1 MHz
TPS62102D
2 MHz
TPS62103D
† The D package is available taped and reeled. Add R suffix to device type (e.g. TPS62100DTR) to order
quantities of 3000 devices per reel.
functional block diagram
UDG–00049
3
6
1
MODE
+
+
600mV
VREF
+
+
+
815mV
785mV
770mV
FB
SQ
Q
R
SQ
Q
R
+
800mV
SQ
Q
R
SQ
Q
R
+
DUTY CYCLE
MEMORY
SOFTSTART
VIN
OSCILLATOR
5
SOFT–START
SOFTSTART
SQ
Q
R
DRIVER
DRIVER
2
VREF
4
COMP
AGND
1.38V
SHUTDOWN
20
µS DELAY
SD/SYNC
8SW
7
PGND
IZERO
200mA
1A
1.2A
300mV
SOFT–START
MODE FF
–
–
–
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com