Electronic Components Datasheet Search
  English  ▼

X  

TPS62102 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62102
Description  MULTIMODE LOW POWER BUCK CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62102 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS62102 Datasheet HTML 15Page - Texas Instruments TPS62102 Datasheet HTML 16Page - Texas Instruments TPS62102 Datasheet HTML 17Page - Texas Instruments TPS62102 Datasheet HTML 18Page - Texas Instruments TPS62102 Datasheet HTML 19Page - Texas Instruments TPS62102 Datasheet HTML 20Page - Texas Instruments TPS62102 Datasheet HTML 21Page - Texas Instruments TPS62102 Datasheet HTML 22Page - Texas Instruments TPS62102 Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
TPS62100, TPS62101, TPS62102, TPS62103
MULTIMODE LOW POWER BUCK CONVERTER
SLUS446B – MAY 2000 – REVISED DECEMBER 2000
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
0
400
1000
1600
2000
VOUT
10 mV/div
Figure 16. Load Step
250 mA Transition to 500 mA
(Circuit Shown in Figure 9.)
VIN = 7 V
VOUT = 3.3 V
500 mA
250 mA
Figure 17. Load Step
500 mA Transition to 250 mA
(Circuit Shown in Figure 9.)
0
400
1000
1600
2000
VOUT
10 mV/div
VIN = 7 V
VOUT = 3.3 V
500 mA
250 mA
TYPICAL CHARACTERISTICS
Figure 18
0.1
1
10
100
1000
0
20
40
60
80
100
EFFICIENCY
vs
LOAD CURRENT
Load Current – mA
Automatic
Frequency
Fixed
Frequency
VIN = 7.2 V
VOUT = 3.3 V
Figure 19
0.1
1
10
100
1000
20
40
60
80
100
0
EFFICIENCY
vs
LOAD CURRENT
Load Current – mA
Automatic
Frequency
Fixed
Frequency
VIN = 5 V
VOUT = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com