Electronic Components Datasheet Search
  English  ▼

X  

PMT Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # PMT
Description  PMT Panel Mount Power Supply
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMT Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  PMT Datasheet HTML 1Page - Delta Electronics, Inc. PMT Datasheet HTML 2Page - Delta Electronics, Inc. PMT Datasheet HTML 3Page - Delta Electronics, Inc. PMT Datasheet HTML 4Page - Delta Electronics, Inc. PMT Datasheet HTML 5Page - Delta Electronics, Inc. PMT Datasheet HTML 6Page - Delta Electronics, Inc. PMT Datasheet HTML 7Page - Delta Electronics, Inc. PMT Datasheet HTML 8Page - Delta Electronics, Inc. PMT Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TECHNICAL DATASHEET
PMT Panel Mount Power Supply
24V 350W 1 Phase / PMT-24V350W1A
□
All parameters are specified at 25°C ambient and AC input unless otherwise indicated.
www.DeltaPSU.com (December 2016, Rev. 04)
2
Specifications
Input Ratings / Characteristics
Nominal Input Voltage
100-120Vac, 200-240Vac (Selectable by Switch)
Input Voltage Range
90-132Vac, 180-264Vac (Selectable by Switch)
Nominal Input Frequency
50-60Hz
Input Frequency Range
47-63Hz
Input Current
< 7.00A @ 115Vac, < 4.00A @ 230Vac
Efficiency at 100% Load
> 87.0% @ 230Vac
Max Inrush Current (Cold Start)
< 50A @ 115Vac, < 60A @ 230Vac
Leakage Current
< 3.5mA @ 240Vac
Output Ratings / Characteristics*
Nominal Output Voltage
24Vdc
Factory Set Point Tolerance
24Vdc ± 2%
Output Voltage Adjustment Range
20.0-26.4Vdc
Output Current
14.6A
Output Power
350.4W
Line Regulation
± 0.5% typ.
Load Regulation
± 0.5% typ.
PARD** (20MHz)
< 150mVpp
Rise Time
< 50ms @ nominal input (100% load)
Start-up Time
< 1000ms @ nominal input (100% load)
Hold-up Time
> 16ms @ 115Vac, > 20ms @ 230Vac
Dynamic Response (Overshoot & Undershoot O/P Voltage)
± 5% @ 10-50% load and 50-100% load
Start-up with Capacitive Loads
8,000µF Max
*For power de-rating from 50°C to 70°C, see power de-rating on page 3.
**PARD is measured with an AC coupling mode, 5cm wires, and in parallel with 0.1µF ceramic capacitor & 47µF electrolytic capacitor
.
Mechanical
Case Chassis / Cover
Aluminium
Dimensions (L x W x D)
215 x 115 x 50 mm (8.46 x 4.53 x 1.97 inch)
Unit Weight
0.82 kg (1.81 lb)
Indicator
Green LED (DC OK)
Cooling System
Forced Cooling
Terminal
PMT-24V350W1AK
PMT-24V350W1AG
M3.5 x 9 Pins (Rated 300V/20A)
PMT-24V350W1AR
PMT-24V350W1AM
M3.5 x 9 Pins (Rated 300V/15A)
Wire
AWG 20-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com