Electronic Components Datasheet Search
  English  ▼

X  

PMT Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # PMT
Description  PMT Panel Mount Power Supply
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMT Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  PMT Datasheet HTML 1Page - Delta Electronics, Inc. PMT Datasheet HTML 2Page - Delta Electronics, Inc. PMT Datasheet HTML 3Page - Delta Electronics, Inc. PMT Datasheet HTML 4Page - Delta Electronics, Inc. PMT Datasheet HTML 5Page - Delta Electronics, Inc. PMT Datasheet HTML 6Page - Delta Electronics, Inc. PMT Datasheet HTML 7Page - Delta Electronics, Inc. PMT Datasheet HTML 8Page - Delta Electronics, Inc. PMT Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TECHNICAL DATASHEET
PMT Panel Mount Power Supply
24V 350W 1 Phase / PMT-24V350W1A
□
All parameters are specified at 25°C ambient and AC input unless otherwise indicated.
www.DeltaPSU.com (December 2016, Rev. 04)
5
Device Description
1)
Input & Output terminal block connector
2)
DC voltage adjustment potentiometer
3)
DC OK control LED (Green)
4)
AC selectable switch
PMT-24V350W1AK / PMT-24V350W1AG: Front Face
PMT-24V350W1AR / PMT-24V350W1AM: Terminal Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com