Electronic Components Datasheet Search
  English  ▼

X  

X76F100P Datasheet(PDF) 6 Page - Xicor Inc.

Part # X76F100P
Description  1K 128 x 8 Bit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F100P Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X76F100P Datasheet HTML 2Page - Xicor Inc. X76F100P Datasheet HTML 3Page - Xicor Inc. X76F100P Datasheet HTML 4Page - Xicor Inc. X76F100P Datasheet HTML 5Page - Xicor Inc. X76F100P Datasheet HTML 6Page - Xicor Inc. X76F100P Datasheet HTML 7Page - Xicor Inc. X76F100P Datasheet HTML 8Page - Xicor Inc. X76F100P Datasheet HTML 9Page - Xicor Inc. X76F100P Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
X76F100
Characteristics subject to change without notice.
6 of 16
REV 1.0 6/22/00
www.xicor.com
Figure 4. Sector Write Sequence (Password Required)
Figure 5. Acknowledge Polling
Figure 6. Sector Read Sequence (Password Required)
P
Write
Write
Password
7
Write
Password
0
S
SDA
Wait tWC
OR
ACK
Password
Command
Password ACK
S
Command
If ACK, Then
Password Matches
Command
Host
Commands
Host
Commands
X76F100
Responce
X76F100
Response
Wait tWC
Data ACK Polling
8th CLK
of 8th
Pwd. Byte
‘ACK’
CLK
8th
CLK
‘ACK’
CLK
‘ACK’
Start
Condition
8th Bit
ACK or
no ACK
SCL
SDA
Data n
P
Read
Read
Password
7
Read
Password
0
Data 0
S
SDA
Wait tWC
OR
ACK
Password
Command
Password ACK
S
Command
If ACK, Then
Password Matches
Command
Host
Commands
Host
Commands
X76F100
Response
X76F100
Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com