Electronic Components Datasheet Search
  English  ▼

X  

8ETH03 Datasheet(PDF) 1 Page - International Rectifier

Part # 8ETH03
Description  Ultrafast Rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8ETH03 Datasheet(HTML) 1 Page - International Rectifier

  8ETH03 Datasheet HTML 1Page - International Rectifier 8ETH03 Datasheet HTML 2Page - International Rectifier 8ETH03 Datasheet HTML 3Page - International Rectifier 8ETH03 Datasheet HTML 4Page - International Rectifier 8ETH03 Datasheet HTML 5Page - International Rectifier 8ETH03 Datasheet HTML 6Page - International Rectifier 8ETH03 Datasheet HTML 7Page - International Rectifier 8ETH03 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
8ETH03
8ETH03S
8ETH03-1
Bulletin PD-20023 rev. C 09/01
trr = 35ns
IF(AV) = 8Amp
VR = 300V
• Ultrafast Recovery Time
• Low Forward Voltage Drop
• Low Leakage Current
• 175°C Operating Junction Temperature
Features
Description/ Applications
Absolute Maximum Ratings
Ultrafast Rectifier
VRRM
Repetitive Peak Reverse Voltage
300
V
IF(AV)
Average Rectified Forward Current
@ T C = 155°C
8
A
IFSM
Non Repetitive Peak Surge Current
@ T J = 25°C
100
TJ, TSTG
Operating Junction and Storage Temperatures
- 65 to 175
°C
Parameters
Max
Units
International Rectifier's 300V series are the state of the art Ultrafast recovery rectifiers designed with optimized
performance of forward voltage drop and Ultrafast recovery time.
The planar structure and the platinum doped life time control guarantee the best overall performance, ruggedness
and reliability characteristics.
These devices are intended for use in the output rectification stage of SMPS, UPS, DC-DC converters as well as
freewheeling diodes in low voltage inverters and chopper motor drives.
Their extremely optimized stored charge and low recovery current minimize the switching losses and reduce over
dissipation in the switching element and snubbers.
www.irf.com
8ETH03
TO-220AC
Case Styles
8ETH03S
D2PAK
8ETH03-1
TO-262
Anode
1
3
Base
Cathode
2
N/C
Anode
1
3
Cathode
Base
Cathode
Anode
1
3
2
N/C


Similar Part No. - 8ETH03

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8ETH03 VISHAY-8ETH03 Datasheet
110Kb / 7P
Hyperfast Rectifier, 8 A FRED PtTM
23-Jun-08
logo
Inchange Semiconductor ...
8ETH03 ISC-8ETH03 Datasheet
239Kb / 2P
Ultrafast Rectifier
logo
Vishay Siliconix
8ETH03-1 VISHAY-8ETH03-1 Datasheet
131Kb / 7P
Hyperfast Rectifier,8 A FRED PtTM
08-Sep-08
8ETH03-1PBF VISHAY-8ETH03-1PBF Datasheet
122Kb / 7P
Hyperfast Rectifier, 8 A FRED PtTM
21-May-08
8ETH03-1PBF VISHAY-8ETH03-1PBF Datasheet
185Kb / 9P
Hyperfast Rectifier, 8 A FRED Pt
11-Mar-10
More results

Similar Description - 8ETH03

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSARW80G20A MICROSEMI-MSARW80G20A Datasheet
68Kb / 2P
ULTRAFAST RECTIFIER
logo
International Rectifier
30EPH03 IRF-30EPH03 Datasheet
175Kb / 7P
Ultrafast Rectifier
70CRU04 IRF-70CRU04 Datasheet
111Kb / 6P
Ultrafast Rectifier
logo
Microsemi Corporation
1N6705 MICROSEMI-1N6705 Datasheet
57Kb / 2P
ULTRAFAST RECTIFIER
logo
Inchange Semiconductor ...
YG975C6R ISC-YG975C6R Datasheet
304Kb / 2P
Ultrafast Rectifier
YG985C4R ISC-YG985C4R Datasheet
304Kb / 2P
Ultrafast Rectifier
DPG60I300HA ISC-DPG60I300HA Datasheet
274Kb / 1P
Ultrafast Rectifier
BY239-800 ISC-BY239-800 Datasheet
305Kb / 2P
Ultrafast Rectifier
MUR3040FCT ISC-MUR3040FCT Datasheet
276Kb / 2P
Ultrafast Rectifier
FDRW35S60L ISC-FDRW35S60L Datasheet
216Kb / 1P
Ultrafast Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com