Electronic Components Datasheet Search
  English  ▼

X  

8ETH03 Datasheet(PDF) 2 Page - International Rectifier

Part # 8ETH03
Description  Ultrafast Rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8ETH03 Datasheet(HTML) 2 Page - International Rectifier

  8ETH03 Datasheet HTML 1Page - International Rectifier 8ETH03 Datasheet HTML 2Page - International Rectifier 8ETH03 Datasheet HTML 3Page - International Rectifier 8ETH03 Datasheet HTML 4Page - International Rectifier 8ETH03 Datasheet HTML 5Page - International Rectifier 8ETH03 Datasheet HTML 6Page - International Rectifier 8ETH03 Datasheet HTML 7Page - International Rectifier 8ETH03 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
8ETH03, 8ETH03S, 8ETH03-1
Bulletin PD-20023 rev. C 09/01
www.irf.com
VBR, Vr
Breakdown Voltage,
300
-
-
V
I R = 100µA
Blocking Voltage
VF
Forward Voltage
-
1.0
1.25
V
I F = 8A
-
0.83 1.00
V
I F = 8A, TJ = 125°C
IR
Reverse Leakage Current
-
0.02
20
µA
V R = VR Rated
-
6.0
200
µA
T J = 125°C, VR = VR Rated
CT
Junction Capacitance
-
31
-
pF
V R = 300V
LS
Series Inductance
-
8
-
nH
Measured lead to lead 5mm from package body
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameters
Min Typ Max
Test Conditions
TJ
Max. Junction Temperature Range
- 65
-
175
°C
TStg
Max. Storage Temperature Range
- 65
-
175
RthJC
Thermal Resistance, Junction to Case
Per Leg
-
1.45
2.5
°C/W
RthJA
Thermal Resistance, Junction to Ambient Per Leg
-
-
70
RthCS
Thermal Resistance, Case to Heatsink
-
0.2
-
Weight
-
2.0
-
g
-
0.07
-
(oz)
Mounting Torque
6.0
-
12
Kg-cm
5.0
-
10
lbf.in
Thermal - Mechanical Characteristics
!
Typical Socket Mount
"#
Mounting Surface, Flat, Smooth and Greased
"
!
Units
trr
Reverse Recovery Time
-
-
35
ns
I F = 1A, diF/dt = -50A/µs, VR = 30V
-27-
TJ = 25°C
-40-
TJ = 125°C
IRRM
Peak Recovery Current
-
2.2
-
A
T J = 25°C
-
5.3
-
TJ = 125°C
Qrr
Reverse Recovery Charge
-
30
-
nC
T J = 25°C
-
106
-
TJ = 125°C
Dynamic Recovery Characteristics @ TC = 25°C (unless otherwise specified)
I
F = 8A
diF /dt = - 200A/µs
VR = 200V
Parameters
Min Typ Max
Test Conditions
Units
Parameters
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com