Electronic Components Datasheet Search
  English  ▼

X  

AD8325 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8325
Description  5 V CATV Line Driver Fine Step Output Power Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8325 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8325 Datasheet HTML 2Page - Analog Devices AD8325 Datasheet HTML 3Page - Analog Devices AD8325 Datasheet HTML 4Page - Analog Devices AD8325 Datasheet HTML 5Page - Analog Devices AD8325 Datasheet HTML 6Page - Analog Devices AD8325 Datasheet HTML 7Page - Analog Devices AD8325 Datasheet HTML 8Page - Analog Devices AD8325 Datasheet HTML 9Page - Analog Devices AD8325 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. 0
AD8325
–6–
VOUT = 60dBmV @ MAX GAIN
FUNDAMENTAL FREQUENCY – MHz
–60
–75
535
–70
–65
25
45
15
–55
55
65
VOUT = 62dBmV @ MAX GAIN
VOUT = 61dBmV @ MAX GAIN
VOUT = 59dBmV @ MAX GAIN
TPC 7. Second Order Harmonic Distortion vs. Frequency
for Various Output Levels
VOUT = 60dBmV @ MAX GAIN
FUNDAMENTAL FREQUENCY – MHz
–58
–64
535
–62
–60
25
45
15
–56
55
65
VOUT = 62dBmV @ MAX GAIN
VOUT = 61dBmV @ MAX GAIN
VOUT = 59dBmV @ MAX GAIN
–54
–52
–50
TPC 8. Third Order Harmonic Distortion vs. Frequency for
Various Output Levels
GAIN CONTROL – Dec Code
–70
030
–80
–75
20
40
10
–65
50
60
FO = 42MHz
VOUT = 61dBmV @ MAX GAIN
–60
–55
–50
HD3
HD2
70
80
TPC 9. Harmonic Distortion vs. Gain Control
FREQUENCY – MHz
160
140
110
100
120
130
10
1
150
TXEN = 0
TXEN = 1
170
180
OUT–
OUT+
GND
VIN+
VIN–
165
RL
TOKO 617DB–A0070
1:1
VCC
0.1 F
0.1 F
ZIN
75
TPC 10. Input Impedance vs. Frequency
FREQUENCY – MHz
80
70
55
100
60
65
10
1
75
TXEN = 0
TXEN = 1
85
90
TPC 11. Output Impedance vs. Frequency
–40
–50
–60
–70
–100
–80
–90
–110
CENTER 21MHz
75kHz/DIV
SPAN 750kHz
C11
C0
C0
CU1
C11
CH PWR
12.3dBm
ACP UP
–54.02dB
ACP LOW
–53.79dB
CU1
–30
–20
–10
TPC 12. Adjacent Channel Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com