Electronic Components Datasheet Search
  English  ▼

X  

AD8325 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8325
Description  5 V CATV Line Driver Fine Step Output Power Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8325 Datasheet(HTML) 1 Page - Analog Devices

  AD8325 Datasheet HTML 1Page - Analog Devices AD8325 Datasheet HTML 2Page - Analog Devices AD8325 Datasheet HTML 3Page - Analog Devices AD8325 Datasheet HTML 4Page - Analog Devices AD8325 Datasheet HTML 5Page - Analog Devices AD8325 Datasheet HTML 6Page - Analog Devices AD8325 Datasheet HTML 7Page - Analog Devices AD8325 Datasheet HTML 8Page - Analog Devices AD8325 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD8325
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
5 V CATV Line Driver Fine Step
Output Power Control
FUNCTIONAL BLOCK DIAGRAM
DIFF OR
SINGLE
INPUT
AMP
ATTENUATION
CORE
ZOUT DIFF =
75
8
8
8
ZIN (SINGLE) = 800
ZIN (DIFF) = 1.6k
R1
R2
AD8325
DATEN
DATA
CLK
GND (11 PINS)
TXEN
SLEEP
VOUT+
VOUT–
VCC (7 PINS)
VIN+
VIN–
VERNIER
DECODE
DATA LATCH
SHIFT
REGISTER
POWER-DOWN
LOGIC
POWER
AMP
BYP
FEATURES
Supports DOCSIS Standard for Reverse Path
Transmission
Gain Programmable in 0.75 dB Steps Over a 59.45 dB
Range
Low Distortion at 61 dBmV Output
–57 dBc SFDR at 21 MHz
–55 dBc SFDR at 42 MHz
Output Noise Level
–48 dBmV in 160 kHz
Maintains 75
Output Impedance
Transmit Enable and Transmit Disable Modes
Upper Bandwidth: 100 MHz (Full Gain Range)
5 V Supply Operation
Supports SPI Interfaces
APPLICATIONS
Gain-Programmable Line Driver
DOCSIS High-Speed Data Modems
Interactive Cable Set-Top Boxes
PC Plug-in Cable Modems
General-Purpose Digitally Controlled Variable Gain Block
GENERAL DESCRIPTION
The AD8325 is a low-cost, digitally controlled, variable gain ampli-
fier optimized for coaxial line driving applications such as cable
modems that are designed to the MCNS-DOCSIS upstream
standard. An 8-bit serial word determines the desired output gain
over a 59.45 dB range resulting in gain changes of 0.7526 dB/LSB.
The AD8325 comprises a digitally controlled variable attenuator
of 0 dB to –59.45 dB, which is preceded by a low noise, fixed
gain buffer and is followed by a low distortion high power ampli-
fier. The AD8325 accepts a differential or single-ended input
signal. The output is specified for driving a 75
Ω load, such as
coaxial cable.
Distortion performance of –57 dBc is achieved with an output
level up to 61 dBmV at 21 MHz bandwidth. A key performance
and cost advantage of the AD8325 results from the ability to
maintain a constant 75
Ω output impedance during Transmit
Enable and Transmit Disable conditions. In addition, this
device has a sleep mode function that reduces the quiescent
current to 4 mA.
The AD8325 is packaged in a low-cost 28-lead TSSOP, operates
from a single 5 V supply, and has an operational temperature
range of –40
°C to +85°C.
FUNDAMENTAL FREQUENCY – MHz
–50
5
–52
–54
–56
–60
–64
15
25
35
45
55
65
–62
–58
VOUT = 60dBmV
@ MAX GAIN
VOUT = 62dBmV
@ MAX GAIN
VOUT = 61dBmV
@ MAX GAIN
VOUT = 59dBmV
@ MAX GAIN
Figure 1. Worst Harmonic Distortion vs. Gain Control


Similar Part No. - AD8325

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8325-EVAL AD-AD8325-EVAL Datasheet
736Kb / 16P
5 V CATV Line Driver Fine Step Output Power Control
6/05-Data Sheet Changed from REV. 0 to REV. A.
AD8325ARU AD-AD8325ARU Datasheet
736Kb / 16P
5 V CATV Line Driver Fine Step Output Power Control
6/05-Data Sheet Changed from REV. 0 to REV. A.
AD8325ARU-REEL AD-AD8325ARU-REEL Datasheet
736Kb / 16P
5 V CATV Line Driver Fine Step Output Power Control
6/05-Data Sheet Changed from REV. 0 to REV. A.
AD8325ARUZ AD-AD8325ARUZ Datasheet
736Kb / 16P
5 V CATV Line Driver Fine Step Output Power Control
6/05-Data Sheet Changed from REV. 0 to REV. A.
AD8325ARUZ-REEL AD-AD8325ARUZ-REEL Datasheet
736Kb / 16P
5 V CATV Line Driver Fine Step Output Power Control
6/05-Data Sheet Changed from REV. 0 to REV. A.
More results

Similar Description - AD8325

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8322 AD-AD8322 Datasheet
243Kb / 16P
5 V CATV Line Driver Coarse Step Output Power Control
REV.0
AD8323 AD-AD8323 Datasheet
277Kb / 16P
5 V CATV Line Driver Fine Step Output Power Control
71-Dec-2026
AD8326 AD-AD8326 Datasheet
475Kb / 24P
High Output Power Programmable CATV Line Driver
71-Dec-2026
AD8327 AD-AD8327 Datasheet
307Kb / 20P
5 V CATV Line Driver Coarse Step Output Power Control
REV.0
AD8325 AD-AD8325_05 Datasheet
736Kb / 16P
5 V CATV Line Driver Fine Step Output Power Control
6/05-Data Sheet Changed from REV. 0 to REV. A.
AD8321ARZ AD-AD8321ARZ Datasheet
593Kb / 20P
Gain Programmable CATV Line DRiver
REV. A
AD8322 AD-AD8322_15 Datasheet
687Kb / 16P
5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8323 AD-AD8323_15 Datasheet
715Kb / 16P
5 V CATV Line Driver Fine Step Output Power Control
REV. 0
AD8326 AD-AD8326_15 Datasheet
1Mb / 24P
High Output Power Programmable CATV Line Driver
REV. 0
AD8327 AD-AD8327_15 Datasheet
885Kb / 20P
5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com