Electronic Components Datasheet Search
  English  ▼

X  

HMC215LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC215LP4
Description  GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 4.0 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC215LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC215LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC215LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC215LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC215LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC215LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC215LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC215LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC215LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
8
8 - 78
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC215LP4 / 215LP4E
GaAs MMIC MIXER w/ INTEGRATED
LO AMPLIFIER, 1.7 - 4.0 GHz
v00.0906
Functional Diagram
General Description
The HMC215LP4 & HMC215LP4E are high linearity,
double-balanced converter ICs that operate from
1.7 to 4.0 GHz and deliver a +25 dBm input third
order intercept point. The LO amplifier output and
high dynamic range mixer input are positioned so
that an external LO filter can be placed in series be-
tween them. The converter provides 32 dB of LO to
RF isolation and is ideal for upconverter and down-
converter applications. The IC operates from a single
+5V supply consuming 56 mA of current and accepts
a LO drive level of 2 to 6 dBm. The design requires no
external baluns and supports IF frequencies between
DC and 1 GHz. The HMC215LP4(E) is pin for pin
compatible with the HMC552LP4(E), which operates
from 1.6 to 3.0 GHz.
Features
Input IP3: +25 dBm
Low Input LO Drive: +2 to +6 dBm
High LO to RF Isolation: 32 dB
Low Conversion Loss: 8 dB
Single Positive Supply: +5V @ 56 mA
RoHS Compliant 4x4 mm QFN Package
Electrical Specifications, T
A = +25°C, LO = +4 dBm, Vcc = +5V, IF = 100 MHz*
Typical Applications
The HMC215LP4 / HMC215LP4E is ideal for
Wireless Infrastructure Applications:
• PCS / 3G Infrastructure
• Base Stations & Repeaters
• WiMAX & WiBro
• ISM & Fixed Wireless
Parameter
Min.
Typ.
Max.
Units
Frequency Range, RF, LO
1.7 - 4.0
GHz
Frequency Range, IF
DC - 1.0
GHz
Conversion Loss
8.0
11
dB
Noise Figure (SSB)
8.5
dB
LO to RF Isolation
23
32
dB
LO to IF Isolation
10
20
dB
IP3 (Input)
25
dBm
1 dB Compression (Input)
17
dBm
LO Drive Input Level (Typical)
2 to 6
dBm
Supply Current (Icc)
56
70
mA
*Unless otherwise noted, all measurements performed as a downconverter, with low side LO and configured as shown in application circuit.


Similar Part No. - HMC215LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC210MS8 HITTITE-HMC210MS8 Datasheet
200Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 1.5 - 2.3 GHz
HMC210MS8 HITTITE-HMC210MS8 Datasheet
338Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 1.5 - 2.3 GHz
HMC210MS8 HITTITE-HMC210MS8_06 Datasheet
338Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 1.5 - 2.3 GHz
logo
DANFOSS POWER SOLUTIONS
HMC211-010 DANFOSS-HMC211-010 Datasheet
210Kb / 4P
PLUS1® Controllers HMC 211-010 and HMC 211-012
June 2017
HMC211-012 DANFOSS-HMC211-012 Datasheet
210Kb / 4P
PLUS1® Controllers HMC 211-010 and HMC 211-012
June 2017
More results

Similar Description - HMC215LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC423MS8 HITTITE-HMC423MS8 Datasheet
216Kb / 6P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC488MS8G HITTITE-HMC488MS8G Datasheet
199Kb / 6P
GaAs MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 4.0 - 7.0 GHz
HMC353MS8 HITTITE-HMC353MS8 Datasheet
242Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.8 - 1.2 GHz
HMC615LP4 HITTITE-HMC615LP4 Datasheet
230Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
HMC685LP4 HITTITE-HMC685LP4 Datasheet
371Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC687LP4 HITTITE-HMC687LP4 Datasheet
367Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC352MS8 HITTITE-HMC352MS8_01 Datasheet
242Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 2.5 GHz
HMC615LP4 HITTITE-HMC615LP4_11 Datasheet
543Kb / 6P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
HMC685LP4 HITTITE-HMC685LP4_10 Datasheet
743Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC687LP4 HITTITE-HMC687LP4_10 Datasheet
731Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com