Electronic Components Datasheet Search
  English  ▼

X  

HMC215LP4 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC215LP4
Description  GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 4.0 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC215LP4 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC215LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC215LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC215LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC215LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC215LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC215LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC215LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC215LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
8
8 - 79
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Conversion Gain vs. Temperature
Isolation
Return Loss
Conversion Gain vs. LO Drive
Upconverter Performance
Conversion Gain vs. LO Drive
IF Bandwidth
-20
-15
-10
-5
0
1
1.5
2
2.5
3
3.5
4
4.5
+25C
+85C
-40C
FREQUENCY (GHz)
HMC215LP4 / 215LP4E
v00.0906
-20
-15
-10
-5
0
1
1.5
2
2.5
3
3.5
4
4.5
RF
LO
FREQUENCY (GHz)
-20
-15
-10
-5
0
1
1.5
2
2.5
3
3.5
4
4.5
LO= 0 dBm
LO= +2 dBm
LO= +4 dBm
LO= +6 dBm
LO= +8 dBm
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Conversion Gain
Return Loss
FREQUENCY (GHz)
-20
-15
-10
-5
0
1
1.5
2
2.5
3
3.5
4
4.5
LO= 0 dBm
LO= +2 dBm
LO= +4 dBm
LO= +6 dBm
FREQUENCY (GHz)
-50
-40
-30
-20
-10
0
1
1.5
2
2.5
3
3.5
4
4.5
RF to IF
LO to RF
LO to IF
FREQUENCY (GHz)
GaAs MMIC MIXER w/ INTEGRATED
LO AMPLIFIER, 1.7 - 4.0 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com