Electronic Components Datasheet Search
  English  ▼

X  

ADC12010EVAL Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12010EVAL
Description  12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12010EVAL Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC12010EVAL Datasheet HTML 1Page - National Semiconductor (TI) ADC12010EVAL Datasheet HTML 2Page - National Semiconductor (TI) ADC12010EVAL Datasheet HTML 3Page - National Semiconductor (TI) ADC12010EVAL Datasheet HTML 4Page - National Semiconductor (TI) ADC12010EVAL Datasheet HTML 5Page - National Semiconductor (TI) ADC12010EVAL Datasheet HTML 6Page - National Semiconductor (TI) ADC12010EVAL Datasheet HTML 7Page - National Semiconductor (TI) ADC12010EVAL Datasheet HTML 8Page - National Semiconductor (TI) ADC12010EVAL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG I/O
2V
IN+
Non-Inverting analog signal Input. With a 2.0V reference
voltage, the ground-referenced input signal level is 2.0 V
P-P
centered on V
CM.
3V
IN−
Inverting analog signal Input. With a 2.0V reference voltage
the ground-referenced input signal level is 2.0 V
P-P centered
on V
CM. This pin may be connected to VCM for single-ended
operation, but a differential input signal is required for best
performance.
1V
REF
Reference input. This pin should be bypassed to AGND with
a 0.1 µF monolithic capacitor. V
REF is 2.0V nominal and
should be between 1.0V to 2.4V.
31
V
RP
These pins are high impedance reference bypass pins.
Connect a 0.1 µF capacitor from each of these pins to AGND.
DO NOT LOAD these pins.
32
V
RM
30
V
RN
DIGITAL I/O
10
CLK
Digital clock input. The range of frequencies for this input is
100 kHz to 15 MHz (typical) with guaranteed performance at
10 MHz. The input is sampled on the rising edge of this input.
11
OE
OE is the output enable pin that, when low, enables the
TRI-STATE® data output pins. When this pin is high, the
outputs are in a high impedance state.
8PD
PD is the Power Down input pin. When high, this input puts
the converter into the power down mode. When this pin is
low, the converter is in the active mode.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com