Electronic Components Datasheet Search
  English  ▼

X  

ADC12010EVAL Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12010EVAL
Description  12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12010EVAL Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC12010EVAL Datasheet HTML 1Page - National Semiconductor (TI) ADC12010EVAL Datasheet HTML 2Page - National Semiconductor (TI) ADC12010EVAL Datasheet HTML 3Page - National Semiconductor (TI) ADC12010EVAL Datasheet HTML 4Page - National Semiconductor (TI) ADC12010EVAL Datasheet HTML 5Page - National Semiconductor (TI) ADC12010EVAL Datasheet HTML 6Page - National Semiconductor (TI) ADC12010EVAL Datasheet HTML 7Page - National Semiconductor (TI) ADC12010EVAL Datasheet HTML 8Page - National Semiconductor (TI) ADC12010EVAL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
ADC12010
12-Bit, 10 MSPS, 160 mW A/D Converter with Internal
Sample-and-Hold
General Description
The ADC12010 is a monolithic CMOS analog-to-digital con-
verter capable of converting analog input signals into 12-bit
digital words at 10 Megasamples per second (MSPS), mini-
mum. This converter uses a differential, pipeline architecture
with digital error correction and an on-chip sample-and-hold
circuit to minimize die size and power consumption while
providing excellent dynamic performance. Operating on a
single 5V power supply, this device consumes just 160 mW
at 10 MSPS, including the reference current. The Power
Down feature reduces power consumption to 25 mW.
The differential inputs provide a full scale input swing equal
to 2V
REF with the possibility of a single-ended input. Full use
of the differential input is recommended for optimum perfor-
mance. For ease of use, the buffered, high impedance,
single-ended reference input is converted on-chip to a differ-
ential reference for use by the processing circuitry. Output
data format is 12-bit offset binary.
This device is available in the 32-lead LQFP package and
will operate over the industrial temperature range of −40˚C to
+85˚C.
Features
n
Internal sample-and-hold
n
Outputs 2.4V to 5V compatible
n
TTL/CMOS compatible input/outputs
n
Power down mode
n
On-chip reference buffer
Key Specifications
n
Resolution
12 Bits
n
Conversion Rate
10 MSPS (min)
n
DNL
±0.3 LSB (typ)
n
INL
±0.5 LSB (typ)
n
SNR (f
IN = 10.1 MHz)
70 dB (typ)
n
ENOB (f
IN = 10.1 MHz)
11.3 bits (typ)
n
Data Latency
6 Clock Cycles
n
Supply Voltage
+5V ±5%
n
Power Consumption, 10 MHz
160 mW (typ)
Applications
n
Image Processing Front End
n
Instrumentation
n
PC-Based Data Acquisition
n
Fax Machines
n
Wireless Local Loops/Cable Modems
n
Waveform Digitizers
n
DSP Front Ends
Connection Diagram
20051601
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
April 2003
© 2003 National Semiconductor Corporation
DS200516
www.national.com


Similar Part No. - ADC12010EVAL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12010 TI1-ADC12010 Datasheet
1Mb / 30P
ADC12010 12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12010 TI1-ADC12010 Datasheet
1Mb / 30P
12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12010 TI1-ADC12010 Datasheet
1Mb / 31P
12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12010CIVY TI1-ADC12010CIVY Datasheet
1Mb / 30P
ADC12010 12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12010CIVY/NOPB TI1-ADC12010CIVY/NOPB Datasheet
1Mb / 30P
12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
More results

Similar Description - ADC12010EVAL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10030 NSC-ADC10030 Datasheet
417Kb / 17P
10-Bit, 30 MSPS, 125 mW A/D Converter with Internal Sample and Hold
ADC12L063 NSC-ADC12L063 Datasheet
581Kb / 22P
12-Bit, 62 MSPS, 354 mW A/D Converter with Internal Sample-and-Hold
ADC12020 NSC-ADC12020 Datasheet
621Kb / 23P
12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
ADC12040 NSC-ADC12040 Datasheet
519Kb / 20P
12-Bit, 40 MSPS, 340 mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12010 TI1-ADC12010_14 Datasheet
1Mb / 30P
ADC12010 12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12L063 TI1-ADC12L063_14 Datasheet
1Mb / 31P
12-Bit, 62 MSPS, 354 mW A/D Converter with Internal Sample-and-Hold
ADC12010 TI1-ADC12010 Datasheet
1Mb / 30P
12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12020 TI1-ADC12020 Datasheet
1Mb / 29P
12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
ADC12010 TI1-ADC12010_17 Datasheet
1Mb / 31P
12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12020 TI1-ADC12020_18 Datasheet
1Mb / 30P
12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com