Electronic Components Datasheet Search
  English  ▼

X  

AH11 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AH11
Description  High Dynamic Range Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AH11 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AH11 Datasheet HTML 1Page - List of Unclassifed Manufacturers AH11 Datasheet HTML 2Page - List of Unclassifed Manufacturers AH11 Datasheet HTML 3Page - List of Unclassifed Manufacturers AH11 Datasheet HTML 4Page - List of Unclassifed Manufacturers AH11 Datasheet HTML 5Page - List of Unclassifed Manufacturers AH11 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
WJ Communications, Inc. • Phone: 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
February 2002
AH11
Performance Charts
Dual Push-Pull Circuit: 1900 MHz
Frequency (MHz)
1500
1700
1800
1600
1900
2000
2100
S-Parameters
10
20
0
-10
-20
-30
S21
S11
S22
Power Out (dBm)
0
10
20
30
40
50
OIP3 vs. Output Power
810
12
14
16
18
20
6
2
4
0
P-P, 600 mA, 5V
Typical Performance (50 Ohm System)
Frequency
1700 MHz
1800 MHz
1900 MHz
2000 MHz
Magnitude S21
11.8 dB
11.9 dB
11.9 dB
11.6 dB
Magnitude S11
-10.0 dB
-14.0 dB
-19.0 dB
-10.0 dB
Magnitude S22
-8.3 dB
-10.0 dB
-10.0 dB
-14.0 dB
NF
3.8 dB
3.6 dB
3.7 dB
3.6 dB
OIP3
47 dBm
47 dBm
48 dBm
48 dBm
Bias
Vds = 5.0 V, Id = 600 mA
Schematic
RF OUT
DC +5 V
RF IN
C = 56 pF
C = 56 pF
C = 56, 1000, 10,000 pF
25
Ω, 17˚
25
Ω, 17˚
L = 27 nH
L = 27 nH
8 or more Via
Grounds req.
Anaren
3W525
180 Balun
Anaren
3W525
180 Balun
C = 2.2 pF
C = 2.2 pF
FR4 Board Layout (T = 14 Mils to ground plane)
RF IN
RF OUT
1.9 GHZ AH11 Dual Push Pull Amp TS
Parts List
QTY
Description
Size
MFR
Part No.
2
Hi pwr Linear Amp
SOIC8
WJ
AH11
2
180 Balun 1.9 GHz
Anaren
3W525
5
56 pF Capacitor
0603
Kemet
1
5000 pF Capacitor
0603
Kemet
1
.01 uF Capacitor
0805
Kemet
2
27 nH Inductor
0805
Coilcraft 0805CS-270XMBC
2
2.2 pF Capacitor
0603
Kemet
MTTF vs. Temperature
Ground Tab Temperature (C)
0
20
40
60
100
80
120
140
160
1011
109
107
105
103



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com