Electronic Components Datasheet Search
  English  ▼

X  

AH11 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AH11
Description  High Dynamic Range Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AH11 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AH11 Datasheet HTML 1Page - List of Unclassifed Manufacturers AH11 Datasheet HTML 2Page - List of Unclassifed Manufacturers AH11 Datasheet HTML 3Page - List of Unclassifed Manufacturers AH11 Datasheet HTML 4Page - List of Unclassifed Manufacturers AH11 Datasheet HTML 5Page - List of Unclassifed Manufacturers AH11 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
WJ Communications, Inc. • Phone: 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
February 2002
AH11
Product Description
The AH11 is a high power linear amplifier
for use in digital communications systems.
It combines low noise figure and high
intercept point into a low cost SMT
solution. This device extends the linear
efficiency advantages of WJ’s AH1 to higher
power levels. The device packaging allows for
both balanced and push-pull operation.
A mature and reliable GaAs MESFET
technology is employed to maximize
linearity at low power dissipation. The
package is a thermally enhanced SOIC-8
and all devices are 100% RF tested.
Product Features
• 250-3000 MHz Bandwidth
• 44 dBm Output IP3 in a Balanced
Configuration
• 47 dBm Output IP3 in a Push-
Pull Configuration
• 3.7 dB Noise Figure
• 12 dB Gain
• 27 dBm P1dB
• Surface Mount
• Thermally Enhanced SOIC-8 pkg
• Single +5 Volt Supply
Functional Diagram
Absolute Maximum Ratings
Parameter
Rating
Operating Case
-40 to +85°C
Storage Temperature
-40 to +125°C
Junction Temperature
+155°C
Thermal Resistance (
θ
JC)
28°C/W
Supply Voltage
+6.0 V
Input RF Power (continuous)
+13 dBm
Operation of this device above any of these parameters may cause permanent damage.
Ordering Information
Part No.
Description
AH11
High Dynamic Range Amplifier
(Available in tape and reel)
AH11BAL-PCB
Fully Assembled Circuit Balanced
Configuration 600-2100 MHz
AH11PP900-PCB
Fully Assembled Circuit Push-Pull
Configuration 900 MHz
AH11PP1900-PCB Fully Assembled Circuit Push-Pull
Configuration 1900 MHz
Function
Pin No.
Input 1
1
Ground
2,3,6,7
Input 2
4
Output/Bias2
5
Output/Bias1
8
12
34
87
6
5
High Dynamic Range Amplifier
Specifications
Parameter
Minimum
Typical
Maximum
Condition
Supply Voltage (V)
5
Frequency Range (MHz)
600-2100
Frequency Range Limited by Ext Couplers
S21-Gain (dB)
11.0
12.2
900 MHz
S21-Gain (dB)
10.0
11.2
1900MHz
S11/S22 (dB) I/O Return Loss
-15
Output IP3 (dBm)
44
46
900 MHz
(In a Balanced Configuration)
Output IP3 (dBm)
42
44
1900 MHz
Noise Figure (dB)
4.2
Output P1dB (dBm)
24
Operating Current Range (mA)
240
300
360
Frequency Range (MHz)
1700-2000
Frequency Range Limited by Ext Baluns
S21-Gain (dB)
12.0
S11/S22 (dB) I/O Return Loss
-12
Output IP3 (dBm)
47
(In a 1900 MHz Push-Pull Configuration)
Noise Figure (dB)
3.7
Output P1dB (dBm)
27
Operating Current Range (mA)
480
600
720
Test conditions unless otherwise noted. T = 25˚C, Vdd = 5.0 V, 50
Ω system.
1. Typical specifications reflect AH11 measured with external matching circuits.
2. OIP3 measured with 2 tones at an output power of 8 dBm/tone balanced, 11 dBm/tone push-pull, separated by 10 MHz.
The suppression on the largest IM3 product is used to calculate OIP3 using a 2:1 slope rule.
3. Balun loss affects noise figure.
The Communications Edge™


Similar Part No. - AH11

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH11 WJCI-AH11 Datasheet
317Kb / 6P
High Dynamic Range Dual Amplifier
AH11-G WJCI-AH11-G Datasheet
317Kb / 6P
High Dynamic Range Dual Amplifier
logo
TriQuint Semiconductor
AH11-G TRIQUINT-AH11-G Datasheet
563Kb / 7P
High Dynamic Range Dual Amplifier
AH11-G TRIQUINT-AH11-G_15 Datasheet
563Kb / 7P
High Dynamic Range Dual Amplifier
logo
List of Unclassifed Man...
AH110 ETC-AH110 Datasheet
355Kb / 6P
0.2 Watt, High Linearity InGaP HBT Amplifier
More results

Similar Description - AH11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH1-1 ETC-AH1-1 Datasheet
204Kb / 5P
High Dynamic Range Amplifier
HE389A ETC1-HE389A Datasheet
97Kb / 1P
High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH1 WJCI-AH1 Datasheet
229Kb / 5P
High Dynamic Range Amplifier
AH1-1 WJCI-AH1-1 Datasheet
231Kb / 5P
High Dynamic Range Amplifier
AH2 WJCI-AH2 Datasheet
393Kb / 5P
High Dynamic Range Amplifier
AH11 WJCI-AH11 Datasheet
317Kb / 6P
High Dynamic Range Dual Amplifier
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155 Datasheet
83Kb / 3P
High Dynamic Range Amplifier
AM-155-AMC-155 MA-COM-AM-155-AMC-155_15 Datasheet
83Kb / 3P
High Dynamic Range Amplifier
logo
TriQuint Semiconductor
AH2 TRIQUINT-AH2_15 Datasheet
190Kb / 5P
High Dynamic Range Amplifier
AH1-G TRIQUINT-AH1-G_15 Datasheet
655Kb / 5P
High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com