Electronic Components Datasheet Search
  English  ▼

X  

CS5010RR Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CS5010RR
Description  DES/3DES Encryption/Decryption Cores
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CS5010RR Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CS5010RR Datasheet HTML 1Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 2Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 3Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 4Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 5Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 6Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 7Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Optimized for
5
TM
Table 2: CS5010-40 DES/3DES Cores Interface Signal Definitions
Signal
I/O
Width (Bits)
Description
D
I
32 (64 Ultra High Speed)
Input Plaintext/Ciphertext data
DADDR
I
1 (Ultra Compact)
2 (Compact)
3 (High Speed)
0 (Ultra High Speed)
Input Plaintext/Ciphertext data address, 0: the lowest 32-bit word
DLOAD
I
1
Load input Plaintext/Ciphertext enable
KEY
I
28 (56 Ultra High Speed)
Encryption key data
KADDR
I
2
Encryption key address, 0: the lowest 28-bit word
KLOAD
I
1
Load encryption key
MODE
I
1
Encryption/Decryption mode select, 0: Encryption. 1: Decryption
TRIPLE
I
1
DES/3DES mode select, 0: DES, 1:3DES
EDE
I
1
Triple DES key selection mode, 0:EDE2, 1: EDE3
CLK
I
1
System clock, rising edge active
RST
I
1
Asynchronous reset
DSTAT
O
1
Input port status
This signal will be Asserted when the core is ready for loading the
highest word of the next 64-bit data block, or the highest word of the
multiple input DES blocks available in the Compact or High Speed
cores. The lower words can be loaded at anytime in the period
when DSTAT is LOW depending on the key-size selection
QSTRB
O
1
Output strobe indicating the Plaintext/Ciphertext word Q is valid
QADDR
O
1 (Ultra Compact)
2 (Compact)
3 (High Speed)
0 (Ultra High Speed)
Output Plaintext/Ciphertext data address, 0: the lowest 32-bit word
Q
O
32 (64 Ultra High Speed)
Output Plaintext/Ciphertext data



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com