Electronic Components Datasheet Search
  English  ▼

X  

CS5010RR Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CS5010RR
Description  DES/3DES Encryption/Decryption Cores
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CS5010RR Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  CS5010RR Datasheet HTML 1Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 2Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 3Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 4Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 5Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 6Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 7Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CS5010-40 DES/3DES Encryption/Decryption Cores
TM
Virtual Components for the Converging World
CORPORATE HEADQUARTERS
Amphion Semiconductor Ltd
50 Malone Road
Belfast BT9 5BS
Northern Ireland, UK
Tel:
+44.28.9050.4000
Fax:
+44.28.9050.4001
EUROPEAN SALES
Amphion Semiconductor Ltd
CBXII, West Wing
382-390 Midsummer Boulevard
Central Milton Keynes
MK9 2RG England, UK
Tel:
+44 1908 847109
Fax:
+44 1908 847580
WORLDWIDE SALES & MARKETING
Amphion Semiconductor, Inc
2001 Gateway Place, Suite 130W
San Jose, CA 95110
Tel:
(408) 441 1248
Fax:
(408) 441 1239
CANADA & EAST COAST US SALES
Amphion Semiconductor, Inc
Montreal
Quebec
Canada
Tel:
(450) 455 5544
Fax:
(450) 455 5543
Web: www.amphion.com
Email: info@amphion.com
ABOUT AMPHION
Amphion
(formerly
Integrated
Silicon Systems) is the leading
supplier of speech coding, video/
image processing and channel
coding application specific silicon
cores for system-on-a-chip (SoC)
solutions
in
the
broadband,
wireless, and mulitmedia markets
© 2002 Amphion Semiconductor Ltd. All rights reserved.
Amphion, the Amphion logo and “Virtual Components for the Converging World” are trademarks of Amphion Semiconductor Ltd. All others are he property of
their respective owners.
Optimized for
8
10/02 Publica ion #: DS5010/40ACT v1.2
SALES AGENTS
SPS-DA PTE LTD
21 Science Park Rd
#03-19 The Aquarius
Singapore Science Park II
Singapore 117628
Tel:
+65 774 9070
Fax:
+65 774 9071
SPINNAKER SYSTEMS INC
Shin-Yokohama Square Bldg. 11F, 2-3-12
Shin-Yokohama, Kouhoku-Ku
Yokohama 222-0033 Japan
Tel:
+81 45 478 3803
Fax:
+81 45 478 3809
Voyageur Technical Sales Inc
6205 Airport Road
Building A, Suite 300
Toronto, Ontario
Canada L4V1E1
Tel:
(905) 672 0361
Fax:
(905) 677 4986
JASONTECH, INC
Hansang Building, Suite 300
Bangyidong 181-3, Songpaku
Seoul Korea 138-050
Tel:
+82 2 420 6700
Fax:
+82 2 420 8600
Phoenix Technologies Ltd
3 Gavish Street
Kfar-Saba, 44424
Israel
Tel:
+972 9 7644 800
Fax:
+972 9 7644 801



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com