Electronic Components Datasheet Search
  English  ▼

X  

AM29LV017D Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AM29LV017D
Description  16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV017D Datasheet(HTML) 2 Page - Advanced Micro Devices

  AM29LV017D Datasheet HTML 1Page - Advanced Micro Devices AM29LV017D Datasheet HTML 2Page - Advanced Micro Devices AM29LV017D Datasheet HTML 3Page - Advanced Micro Devices AM29LV017D Datasheet HTML 4Page - Advanced Micro Devices AM29LV017D Datasheet HTML 5Page - Advanced Micro Devices AM29LV017D Datasheet HTML 6Page - Advanced Micro Devices AM29LV017D Datasheet HTML 7Page - Advanced Micro Devices AM29LV017D Datasheet HTML 8Page - Advanced Micro Devices AM29LV017D Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
This Data Sheet states AMD’s current technical specifications regarding the Products described herein. This Data
Sheet may be revised by subsequent versions or modifications due to changes in technical specifications.
Publication# 21415
Rev: E Amendment/+1
Issue Date: November 7, 2000
Am29LV017D
16 Megabit (2 M x 8-Bit)
CMOS 3.0 Volt-only Uniform Sector Flash Memory
DISTINCTIVE CHARACTERISTICS
s Single power supply operation
— 2.7 to 3.6 volt read and write operations for
battery-powered applications
s Manufactured on 0.23 µm process technology
— Compatible with and replaces Am29LV017B
device
s High performance
— Access times as fast as 70 ns
s Ultra low power consumption (typical values at 5
MHz)
— 200 nA Automatic Sleep mode current
— 200 nA standby mode current
— 9 mA read current
— 15 mA program/erase current
s Flexible sector architecture
— Thirty-two 64 Kbyte sectors
— Supports full chip erase
— Sector Protection features:
A hardware method of locking a sector to prevent
any program or erase operations within that
sector
Sectors can be locked in-system or via
programming equipment
Temporary Sector Unprotect feature allows code
changes in previously locked sectors
s Unlock Bypass Program Command
— Reduces overall programming time when issuing
multiple program command sequences
s Embedded Algorithms
— Embedded Erase algorithm automatically
preprograms and erases the entire chip or any
combination of designated sectors
— Embedded Program algorithm automatically
writes and verifies data at specified addresses
s Minimum 1,000,000 write cycle guarantee
per sector
s 20-year data retention at 125
°C
— Reliable operation for the life of the system
s Package option
— 48-ball FBGA
— 40-pin TSOP
s CFI (Common Flash Interface) compliant
— Provides device-specific information to the
system, allowing host software to easily
reconfigure for different Flash devices
s Compatibility with JEDEC standards
— Pinout and software compatible with single-
power supply Flash
— Superior inadvertent write protection
s Data# Polling and toggle bits
— Provides a software method of detecting program
or erase operation completion
s Ready/Busy# pin (RY/BY#)
— Provides a hardware method of detecting
program or erase cycle completion
s Erase Suspend/Erase Resume
— Suspends an erase operation to read data from,
or program data to, a sector that is not being
erased, then resumes the erase operation
s Hardware reset pin (RESET#)
— Hardware method to reset the device to reading
array data
s Command sequence optimized for mass storage
— Specific address not required for unlock cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com