Electronic Components Datasheet Search
  English  ▼

X  

AM79C875 Datasheet(PDF) 34 Page - Advanced Micro Devices

Part # AM79C875
Description  NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C875 Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button AM79C875 Datasheet HTML 30Page - Advanced Micro Devices AM79C875 Datasheet HTML 31Page - Advanced Micro Devices AM79C875 Datasheet HTML 32Page - Advanced Micro Devices AM79C875 Datasheet HTML 33Page - Advanced Micro Devices AM79C875 Datasheet HTML 34Page - Advanced Micro Devices AM79C875 Datasheet HTML 35Page - Advanced Micro Devices AM79C875 Datasheet HTML 36Page - Advanced Micro Devices AM79C875 Datasheet HTML 37Page - Advanced Micro Devices AM79C875 Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
34
Am79C875
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . . . . . . .-55°C to +150°C
Ambient Temperature Under Bias . . .-55°C to +150°C
Supply Voltage (VDD) . . . . . . . . . . . . . -0.5 V to +5.5 V
Voltage Applied to any input pin. . . . . . . -0.5 V to VDD
Stresses above those listed under Absolute Maximum
Ratings may cause permanent device failure.
Functionality at or above these limits is not implied.
Exposure to absolute maximum ratings for extended
periods may affect device reliability.
Operating Ranges
Commercial (C):
Operating Temperature (TA) . . . . . . . . . 0°C to +70°C
Supply Voltage (all VDD) . . . . . . . . . . . . . . +3.3 V ±5%
Supply Voltage (5-V tolerant pins) . . . . . . +5.0 V ±5%
Industrial (I):
Operating Temperature (TA) . . . . . . . . -40°C to +85°C
Supply Voltage (all VDD) . . . . . . . . . . . . . . +3.3 V ±5%
Supply Voltage (5-V tolerant pins) . . . . . . +5.0 V ±5%
Operating ranges define those limits between which
functionality of the device is guaranteed.
DC CHARACTERISTICS
Note: Parametric Values are the same for Commercial and Industrial devices.
Symbol
Parameter Description
Test Conditions
Minimum
Maximum
Units
VIL
Input LOW Voltage
0.8
V
VIH
Input HIGH Voltage
2.0
V
VOL
Output LOW Voltage
IOL = 8 mA
0.4
V
VOH
Output HIGH Voltage
IOH = -4 mA
2.4
V
VOLL
Output LOW Voltage (LED)
IOL (LED) = 10 mA
0.4
V
VOHL
Output HIGH Voltage (LED)
IOL (LED) = -10 mA
VDD – 0.4
V
VCMP
Input Common-Mode Voltage
PECL (Note 1)
VDD – 1.5
VDD – 0.7
V
VIDIFFP
Differential Input Voltage
PECL (Note 1)
VDD = Maximum
400
1,100
mV
VOHP
Output HIGH Voltage PECL
(Note 4)
PECL Load
VDD – 1.025
VDD – 0.60
V
VOLP
Output LOW Voltage PECL
(Note 4)
PECL Load
VDD – 1.81
VDD – 1.62
V
VSDA
Signal Detect Assertion
Threshold Peak-to-Peak
(Note 2)
MLT-3/10BASE-T Test Load
-
1000
mV
VSDD
Signal Detect Deassertion
Threshold Peak-to-Peak
(Note 3)
MLT-3/10BASE-T Test Load
200
-
mV
IIL
Input LOW Current (Note 5)
VDD = Maximum
VIN = 0.0 V
-40
µA
IIH
Input HIGH Current (Note 5)
VIN = VDD
40
µA
VTXOUT
Differential Output Voltage
(Note 6)
MLT-3/10BASE-T Test Load
950
1050
mV
VTXOS
Differential Output Overshoot
(Note 6)
MLT-3/10BASE-T Test Load
-
0.05 * VTXOUT
V
VTXR
Differential Output Voltage
Ratio (Note 6 & Note 7)
MLT-3/10BASE-T Test Load
0.98
1.02
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com