Electronic Components Datasheet Search
  English  ▼

X  

AM79C875 Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM79C875
Description  NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C875 Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM79C875 Datasheet HTML 6Page - Advanced Micro Devices AM79C875 Datasheet HTML 7Page - Advanced Micro Devices AM79C875 Datasheet HTML 8Page - Advanced Micro Devices AM79C875 Datasheet HTML 9Page - Advanced Micro Devices AM79C875 Datasheet HTML 10Page - Advanced Micro Devices AM79C875 Datasheet HTML 11Page - Advanced Micro Devices AM79C875 Datasheet HTML 12Page - Advanced Micro Devices AM79C875 Datasheet HTML 13Page - Advanced Micro Devices AM79C875 Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
10
Am79C875
PIN DESCRIPTIONS
Media Connections
TX[3:0]±
Transmit Output
Output
The TX[3:0]± pins are the differential transmit output
pairs. The TX[3:0]± pins transmit 10BASE-T or MLT-3
signals depending on the state of the link of the port.
RX[3:0]±
Receive Input
Input
The RX[3:0]± pins are the differential receive input
pairs. The RX[3:0]± pins can receive 10BASE-T or
MLT-3 signals depending on the state of the link of the
port.
100BASE-FX Function/Test
SDI+/TEST[0]
Signal Detect Input+
(For Port 3 only)
Analog Input/Output
This pin indicates signal quality status on the fiber-optic
link in 100BASE-FX mode. When the signal quality is
good, the SDI+ pin should be driven high relative to the
SDI- pin. 100BASE-FX is disabled when both pins are
simultaneously pulled low. SDI- can also be used for
Signal Detect Common Mode Voltage input.
When in test mode, SDI+, SDI-, FXR+, and FXR- pins
are used as TEST[3:0].
SDI-/TEST[1]
Signal Detect Input-
(For Port 3 only)
Analog Input/Output
This pin indicates signal quality status on the fiber-optic
link in 100BASE-FX mode. When the signal quality is
good, the SDI+ pin should be driven high relative to the
SDI- pin. 100BASE-FX is disabled when both pins are
simultaneously pulled low. SDI- can also be used for
Signal Detect Common Mode Voltage input.
When in test mode, SDI+, SDI-, FXR+, and FXR- pins
are used as TEST[3:0].
FXR+/TEST[2]
Fiber Receive Input
(For Port 3 only)
Analog Input/Output
When Port 3 is configured as FX Channel, FXR± are
ECL level FX receive pins.
When in test mode, SDI±, and FXR± pins are used as
TEST[3:0].
FXR-/TEST[3]
Fiber Receive Input
(For Port 3 only)
Analog Input/Output
When Port 3 is configured as FX Channel, FXR± are
ECL level FX receive pins.
When in test mode, SDI+, SDI-, FXR+, FXR- pins are
used as TEST[3:0].
FXT±
Fiber Transmit Output
(For Port 3 only)
Analog Output
When Port 3 is configured as FX Channel, FXT± are
ECL level FX transmit pins.
Clock
REFCLK
Reference Clock Input Signal
Input
The REFCLK pin is the reference clock input. The
REFCLK signal must be a 50-MHz signal.
RMII Signals
TXD[3:0]_[1:0]
RMII TXD for Ports 0 to 3
Input
These pins are the transmit data input to the RMII of
Ports 0:3.
TX_EN[3:0]
RMII Transmit Enable
Input
These pins are the transmit enable inputs to the RMII.
RXD[3:0]_[1:0]
RMII Receive Data for Ports 0 to 3
Output
These pins are the receive data for Port 0:3.
RX_ER[2:0]
RMII Receive Error for Ports 0 to 2
Output
These pins indicate receive errors for the correspond-
ing por t. The pin goes HIGH whenever the
corresponding receiver detects a symbol error.
RX_ER[3]/PHYAD_ST
RMII Receive Error for Port 3
Input/Output
PHY Address Shift
This pin indicates receive errors for Port 3. It goes
HIGH when the corresponding receiver detects a
symbol error.
At power up, this pin is used to set the PHY address by
increasing it by 1. If it is HIGH at power up, the PHYAD
of each port is the upper-3 bits and the port number for
the lower-2 bits. If it is LOW, the PHYAD is incremented
by 1. For example, if the pin is HIGH at power-up and
the upper-3 bits are set to 000, the PHYAD of each port
(in binary notation) is 00000, 00001, 00010, 00011 re-
spectively. If the pin is LOW at power-up and the upper-
3 bits are set to 000, the PHYAD of each port is 00001,
00010, 00011, and 00100, respectively. This allows a
method of avoiding setting an address to 00000, which
could cause problems with some MACs.
CRS_DV[3:0]
Carrier Sense/Data Valid
Input/Output, Pull-Down
The CRS_DV pin is asserted high when media is
non-idle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com