Electronic Components Datasheet Search
  English  ▼

X  

AME8510 Datasheet(PDF) 4 Page - Analog Microelectronics

Part # AME8510
Description  Micropower UP Watch Dog Timer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8510 Datasheet(HTML) 4 Page - Analog Microelectronics

  AME8510 Datasheet HTML 1Page - Analog Microelectronics AME8510 Datasheet HTML 2Page - Analog Microelectronics AME8510 Datasheet HTML 3Page - Analog Microelectronics AME8510 Datasheet HTML 4Page - Analog Microelectronics AME8510 Datasheet HTML 5Page - Analog Microelectronics AME8510 Datasheet HTML 6Page - Analog Microelectronics AME8510 Datasheet HTML 7Page - Analog Microelectronics AME8510 Datasheet HTML 8Page - Analog Microelectronics AME8510 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AME, Inc.
4
Micropower
µµµµµP Watch Dog Timer
AME8510 / 8520 / 8530
n Ordering Information
Operating Temperature Range
Number of Pins
Package Type
Pin Configuration
Special Feature
AME8520 x x x x x x x x
Output Driver Option
Reset Time (T
D2NOM)
VDD Threshold Voltage (V
TH)
A: 1. Reset/
E: -40OC to 85OC E: SOT-2X
V: 5
F: TD= 210ms E: 1760 ms 22: VTH= 2.19V L: Low profile
ResetB
A: RESETB/PP
X:
23: VTH= 2.32V Y: Lead free &
2. GND
B: RESETB/OD
26: VTH= 2.63V
Low profile
3. Reset/
C: RESET/PP
29: VTH= 2.93V Z: Lead free
ResetB
D: RESET/OD
31: VTH= 3.08V
4. WDI
E: RESETB/PP
44: VTH= 4.38V
5. VDD
F: RESETB/PP
46: VTH= 4.63V
G: RESETB/OD
H: RESETB/OD
I: RESET/PP
J: RESET/PP
K: RESET/OD
L: RESET/OD
E: RESET/PP
F: RESET/OD
G: RESET/PP
H: RESET/OD
I: RESETB/PP
J: RESETB/OD
K: RESETB/PP
L: RESETB/OD
(RESET = Act ive High)
(RESETB = Act ive Low)
(PP = Push pull out )
Pin
Configuration
Operating
Temperature
Range
Reset Time
(TD2NOM)
VDD
Threshold
Voltage (VTH)
Output Driver
Option
Special
Feature
PIN1
PIN3
Package
Type
Number
of
Pins
Watch
Dog
Interval
without
WDI
option
(OD = Open drain out put
polarit y)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com