Electronic Components Datasheet Search
  English  ▼

X  

AME8510 Datasheet(PDF) 7 Page - Analog Microelectronics

Part # AME8510
Description  Micropower UP Watch Dog Timer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8510 Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AME8510 Datasheet HTML 3Page - Analog Microelectronics AME8510 Datasheet HTML 4Page - Analog Microelectronics AME8510 Datasheet HTML 5Page - Analog Microelectronics AME8510 Datasheet HTML 6Page - Analog Microelectronics AME8510 Datasheet HTML 7Page - Analog Microelectronics AME8510 Datasheet HTML 8Page - Analog Microelectronics AME8510 Datasheet HTML 9Page - Analog Microelectronics AME8510 Datasheet HTML 10Page - Analog Microelectronics AME8510 Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AME, Inc.
7
AME8510 / 8520 / 8530
Micropower
µµµµµP Watch Dog Timer
Parameter
Rating
Unit
Supply Voltage
0.9 - 5
V
Ambient Temperature Range
- 40 to + 85
oC
Junction Temperature
- 40 to + 125
oC
n Absolute Maximum Ratings
n Recommended Operating Conditions
n Thermal Information
Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device
Parameter
Maximum
Unit
Supply Voltage
6
V
ESD Classification
B
Maximum
Unit
256
oC / W
150
oC
300
oC
Thermal Resistance (SOT-25)
Maximum Junction Temperature
Parameter
Maximum Lead Temperature (10 Sec)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com