Electronic Components Datasheet Search
  English  ▼

X  

DCT Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # DCT
Description  Standard footprint
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DCT Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  DCT Datasheet HTML 1Page - Delta Electronics, Inc. DCT Datasheet HTML 2Page - Delta Electronics, Inc. DCT Datasheet HTML 3Page - Delta Electronics, Inc. DCT Datasheet HTML 4Page - Delta Electronics, Inc. DCT Datasheet HTML 5Page - Delta Electronics, Inc. DCT Datasheet HTML 6Page - Delta Electronics, Inc. DCT Datasheet HTML 7Page - Delta Electronics, Inc. DCT Datasheet HTML 8Page - Delta Electronics, Inc. DCT Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
DS_DCT12S0A0S03NFA_11142013
2
TECHNICAL SPECIFICATIONS
(TA = 25°C, airflow rate = 300 LFM, Vin =4.5Vdc and 14Vdc, nominal Vout unless otherwise noted.)
PARAMETER
NOTES and CONDITIONS
DCT12S0A0S03NFA
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
-0.3
15
V
Sequencing Voltage
-0.3
Vin max
V
Operating Ambient Temperature
-40
85
℃
Storage Temperature
-55
125
℃
INPUT CHARACTERISTICS
Operating Input Voltage
Vo ≦ Vin
–0.6
4.5
14.0
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
4.4
V
Turn-Off Voltage Threshold
3.2
V
Lockout Hysteresis Voltage
0.4
V
Maximum Input Current
Vin=4.5V to14V, Io=Io,max
3.0
A
No-Load Input Current
(VIN = 12.0Vdc, Io =
0, module enabled)
Vo,set = 0.6 Vdc
10
mA
Vo,set = 3.3 Vdc
25
mA
Off Converter Input Current (VIN = 12.0Vdc,
module disabled)
0.8
mA
Inrush Transient
1
A2S
Input Reflected Ripple Current, peak-to-peak
(5Hz to
20MHz, 1μH source impedance; Vin =0 to 14V,
Io= Iomax ;
86
mAp-p
OUTPUT CHARACTERISTICS
Output Voltage Set Point
with 0.5% tolerance for external resistor used to set
output voltage)
-1.5
Vo,set
+1.5
%Vo,set
Output Voltage Adjustable Range
(selected by an external resistor)
0.59
5.0
V
Output Voltage Regulation
Line(VIN=VIN, min to VIN, max)
For Vo>=2.5V
0.4
%Vo,set
Vo,set
For Vo<2.5V
10
mV
Load(Io=Io, min to Io, max)
For Vo>=2.5V
10
mV
For Vo<2.5V
5
mV
Temperature(Tref=TA, min to TA, max)
For Vo>=2.5V
0.4
%Vo,set
For Vo<2.5V
5
mV
Total Output Voltage Range
Over sample load, line and temperature
-2.5
+2.5
%Vo,set
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
Full Load, 1µF+10uF ceramic+47uF ceramic
30
60
mV
RMS
Full Load, 1µF+10uF ceramic+47uF ceramic
10
20
mV
Output Current Range
0
3
A
Output Voltage Over-shoot at Start-up
Vout=5.0V
3
% Vo,set
Output DC Current-Limit Inception
Vin=12V
400
% Io
Output Short-Circuit Current (Hiccup Mode)
Io,s/c
0.5
Adc
DYNAMIC CHARACTERISTICS
Dynamic Load Response
10µF Tan & 1µF Ceramic load cap, 2.5A/µs
Positive Step Change in Output Current
50% Io, max to 100% Io, max
150
mV
Negative Step Change in Output Current
100% Io, max to 50% Io, max
150
mV
Settling Time to 10% of Peak Deviation
20
µs
Turn-On Transient
Io=Io.max
Start-Up Delay Time, From On/Off Control
Time for Von/off to Vo=10% of Vo,set
2
ms
Start-Up Delay Time, From Input
Time for Vin=Vin,min to Vo=10% of Vo,set
2
ms
Output Voltage Rise Time
Time for Vo to rise from 10% to 90% of Vo,set
4
ms
Output Capacitive Load
Full load; ESR ≧0.15
mΩ
47
800
µF
Full load; ESR ≧
10mΩ
47
1800
µF
EFFICIENCY
Vo=5.0V
Vin=12V, 100% Load
94.9
%
Vo=2.5V
Vin=12V, 100% Load
92.1
%
Vo=1.2V
Vin=12V, 100% Load
86.5
%
Vo=0.59V
Vin=12V, 100% Load
77.4
%
FEATURE CHARACTERISTICS
Switching Frequency
600
kHz
ON/OFF Control, (Negative logic)
Logic Low Voltage
Module On, Von/off
-0.2
0.6
V
Logic High Voltage
Module Off, Von/off
3.5
Vin,max
V
Logic Low Current
Module On, Ion/off
10
µA
Logic High Current
Module Off, Ion/off
1
mA
ON/OFF Control, (Positive Logic)
Logic High Voltage
Module On, Von/off
3.0
Vin,max
V
Logic Low Voltage
Module Off, Von/off
-0.3
0.6
V
Logic Low Current
Module On, Ion/off
1
mA
Logic High Current
Module Off, Ion/off
10
µA
Tracking Slew Rate Capability
0.1
2
V/msec
Tracking Delay Time
Delay from Vin.min to application of tracking voltage
10
ms
Tracking Accuracy
Power-up
2V/mS
100
mV
Power-down
1V/mS
100
mV
GENERAL SPECIFICATIONS
MTBF
Io=80% of Io, max; Ta=25°C
17
M hours
Weight
1.6
grams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com