Electronic Components Datasheet Search
  English  ▼

X  

DCT Datasheet(PDF) 20 Page - Delta Electronics, Inc.

Part # DCT
Description  Standard footprint
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DCT Datasheet(HTML) 20 Page - Delta Electronics, Inc.

Back Button DCT Datasheet HTML 12Page - Delta Electronics, Inc. DCT Datasheet HTML 13Page - Delta Electronics, Inc. DCT Datasheet HTML 14Page - Delta Electronics, Inc. DCT Datasheet HTML 15Page - Delta Electronics, Inc. DCT Datasheet HTML 16Page - Delta Electronics, Inc. DCT Datasheet HTML 17Page - Delta Electronics, Inc. DCT Datasheet HTML 18Page - Delta Electronics, Inc. DCT Datasheet HTML 19Page - Delta Electronics, Inc. DCT Datasheet HTML 20Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
DS_DCT12S0A0S03NFA_11142013
20
PART NUMBERING SYSTEM
DCT
12
S
0A0
S
03
N
F
A
Product
Series
Input Voltage
Numbers of
Outputs
Output
Voltage
Package
Type
Output
Current
On/Off
logic
Option Code
DCT-
3A
DCS -
6A
DCM - 12A
DCL -
20A
04 - 2.4~5.5V
12
– 4.5~14V
S - Single
0A0 -
Programmable
S - SMD
03- 3A
06 - 6A
12 - 12A
20 - 20A
N- negative
P- positive
F- RoHS 6/6
(Lead Free)
A - Standard Function
MODEL LIST
Model Name
Packaging
Input Voltage
Output Voltage
Output Current
Efficiency
12Vin, 5Vdc @ 3A
DCT12S0A0S03NFA
SMD
4.5 ~ 14Vdc
0.59V~ 5.0Vdc
3A
94. 9%
CONTACT: www.deltaww.com/dcdc
USA:
Telephone:
East Coast: 978-656-3993
West Coast: 510-668-5100
Fax: (978) 656 3964
Email: DCDC@delta-corp.com
Europe:
Telephone: +31-20-655-0967
Fax: +31-20-655-0999
Email: DCDC@delta-es.com
Asia & the rest of world:
Telephone: +886 3 4526107
Ext. 6220~6224
Fax: +886 3 4513485
Email: DCDC@delta.com.tw
WARRANTY
Delta offers a two (2) year limited warranty. Complete warranty information is listed on our web site or is available upon
request from Delta.
Information furnished by Delta is believed to be accurate and reliable. However, no responsibility is assumed by Delta
for its use, nor for any infringements of patents or other rights of third parties, which may result from its use. No license
is granted by implication or otherwise under any patent or patent rights of Delta. Delta reserves the right to revise these
specifications at any time, without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com