Electronic Components Datasheet Search
  English  ▼

X  

IRLMS6702 Datasheet(PDF) 8 Page - International Rectifier

Part # IRLMS6702
Description  HEXFET Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLMS6702 Datasheet(HTML) 8 Page - International Rectifier

  IRLMS6702 Datasheet HTML 1Page - International Rectifier IRLMS6702 Datasheet HTML 2Page - International Rectifier IRLMS6702 Datasheet HTML 3Page - International Rectifier IRLMS6702 Datasheet HTML 4Page - International Rectifier IRLMS6702 Datasheet HTML 5Page - International Rectifier IRLMS6702 Datasheet HTML 6Page - International Rectifier IRLMS6702 Datasheet HTML 7Page - International Rectifier IRLMS6702 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRLMS6702
8
www.irf.com
Tape & Reel Information
Micro6ä
8mm
FEED DIRECTION
4mm
NOTES :
1. OUTLINE CONFORMS TO EIA-481 & EIA-541.
9.90 ( .390 )
8.40 ( .331 )
178.00
( 7.008 )
MAX.
NOTES:
1. CONTROLLING DIMENSION : MILLIMETER.
2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 03/04



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com