Electronic Components Datasheet Search
  English  ▼

X  

TPC6101 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPC6101
Description  Notebook PC Applications Portable Equipment Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6101 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPC6101 Datasheet HTML 1Page - Toshiba Semiconductor TPC6101 Datasheet HTML 2Page - Toshiba Semiconductor TPC6101 Datasheet HTML 3Page - Toshiba Semiconductor TPC6101 Datasheet HTML 4Page - Toshiba Semiconductor TPC6101 Datasheet HTML 5Page - Toshiba Semiconductor TPC6101 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TPC6101
2002-01-17
1
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
TPC6101
Notebook PC Applications
Portable Equipment Applications
· Low drain-source ON resistance: RDS (ON) = 48 mΩ (typ.)
· High forward transfer admittance: |Yfs| = 8.2 S (typ.)
· Low leakage current: IDSS = −10 µA (max) (VDS = −20 V)
· Enhancement-model: Vth = −0.5 to −1.2 V (VDS = −10 V,
ID = −200 µA)
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
-20
V
Drain-gate voltage (RGS = 20 kW)
VDGR
-20
V
Gate-source voltage
VGSS
±12
V
DC
(Note 1)
ID
-4.5
Drain current
Pulse
(Note 1)
IDP
-18
A
Drain power dissipation
(t
= 5 s)
(Note 2a)
PD
2.2
W
Drain power dissipation
(t
= 5 s)
(Note 2b)
PD
0.7
W
Single pulse avalanche energy (Note 3)
EAS
3.3
mJ
Avalanche current
IAR
-2.25
A
Repetitive avalanche energy
(Note 4)
EAR
0.22
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
-55 to 150
°C
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to ambient
(t
= 5 s)
(Note 2a)
Rth (ch-a)
56.8
°C/W
Thermal resistance, channel to ambient
(t
= 5 s)
(Note 2b)
Rth (ch-a)
178.5
°C/W
Note: (Note 1), (Note 2), (Note 3), (Note 4), (Note 5) Please see next
page.
This transistor is an electrostatically sensitive device. Please handle it
with caution.
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-3T1A
Weight: 0.011 g (typ.)
Circuit Configuration
6
4
1
2
3
5
Marking (Note 5)
S 3 A


Similar Part No. - TPC6101

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC6102 TOSHIBA-TPC6102 Datasheet
93Kb / 2P
FIELD EFFECT TRANSISTOR SILICON P CHANNEL MOS TYPE
TPC6102 TOSHIBA-TPC6102 Datasheet
198Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPC6102 TOSHIBA-TPC6102_06 Datasheet
198Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPC6103 TOSHIBA-TPC6103 Datasheet
230Kb / 7P
Silicon P Channel MOS Type (U-MOS III)
TPC6103 TOSHIBA-TPC6103 Datasheet
282Kb / 7P
Notebook PC Applications Portable Equipment Applications
More results

Similar Description - TPC6101

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC6001 TOSHIBA-TPC6001 Datasheet
200Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPC6011 TOSHIBA-TPC6011 Datasheet
219Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPCF8003 TOSHIBA-TPCF8003 Datasheet
238Kb / 7P
notebook PC Applications Portable Equipment Applications
TPCP8006 TOSHIBA-TPCP8006_1 Datasheet
221Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPC6004 TOSHIBA-TPC6004_07 Datasheet
236Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPC6102 TOSHIBA-TPC6102_06 Datasheet
198Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPC6103 TOSHIBA-TPC6103_06 Datasheet
282Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPC6104 TOSHIBA-TPC6104_06 Datasheet
239Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPCF8A01 TOSHIBA-TPCF8A01 Datasheet
329Kb / 9P
Notebook PC Applications Portable Equipment Applications
TPCF8B01 TOSHIBA-TPCF8B01_09 Datasheet
312Kb / 9P
Notebook PC Applications Portable Equipment Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com