Electronic Components Datasheet Search
  English  ▼

X  

TPC6101 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPC6101
Description  Notebook PC Applications Portable Equipment Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6101 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPC6101 Datasheet HTML 1Page - Toshiba Semiconductor TPC6101 Datasheet HTML 2Page - Toshiba Semiconductor TPC6101 Datasheet HTML 3Page - Toshiba Semiconductor TPC6101 Datasheet HTML 4Page - Toshiba Semiconductor TPC6101 Datasheet HTML 5Page - Toshiba Semiconductor TPC6101 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TPC6101
2002-01-17
3
Drain-source voltage VDS (V)
ID – VDS
Drain-source voltage VDS (V)
ID – VDS
Gate-source voltage VGS (V)
ID – VGS
Gate-source voltage VGS (V)
VDS – VGS
Drain current ID (A)
|Yfs| – ID
Drain current ID (A)
RDS (ON) – ID
0
0
-1
-2
-3
-4
-5
-0.4
-0.8
-1.2
-2.0
Common source
Ta
= 25°C Pulse test
VGS = -1.4 V
-1.6 V
-1.7 V
-1 8 V
-2.0 V
-4 V
-5 V
-3 V
-2.5 V
-1 6
-1.9 V
-5 V
0
-1
-2
-3
-4
-5
-2.0 V
-1.8 V
-2.5 V
-1.6 V
VGS = -1.4 V
-2.2 V
-2.4 V
-3 V
0
-2
-4
-6
-8
-10
Common source
Ta
= 25°C Pulse test
-4 V
10
1000
-0.1
-1
-10
-100
100
-2.5 V
VGS = -4.5 V
-2 0 V
Common source
Ta
= 25°C
Pulse test
30
300
-0.3
-3
-30
0
-0 2
-0.4
-0 6
-0 8
-1
0
-2
-4
-6
-8
-10
-1.1 A
-2 2 A
Common source
Ta
= 25°C
Pulse test
ID = -4 5 A
0.1
1
10
100
-0.1
-1
-10
-100
100°C
25°C
Ta
= -55°C
Common source
VDS = -10 V
Pulse test
0 3
3
30
-0.3
-3
-30
Ta
= -55°C
0
-2
-4
-6
-8
-10
0
-0 5
-1
-1.5
-2
-2.5
100°C
25°C
Common source
VDS = -10 V
Pulse test



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com