Electronic Components Datasheet Search
  English  ▼

X  

SM2 Datasheet(PDF) 5 Page - Pulse A Technitrol Company

Part # SM2
Description  2Watt Pulse, Electrostatically Shielded
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SM2 Datasheet(HTML) 5 Page - Pulse A Technitrol Company

  SM2 Datasheet HTML 1Page - Pulse A Technitrol Company SM2 Datasheet HTML 2Page - Pulse A Technitrol Company SM2 Datasheet HTML 3Page - Pulse A Technitrol Company SM2 Datasheet HTML 4Page - Pulse A Technitrol Company SM2 Datasheet HTML 5Page - Pulse A Technitrol Company SM2 Datasheet HTML 6Page - Pulse A Technitrol Company SM2 Datasheet HTML 7Page - Pulse A Technitrol Company SM2 Datasheet HTML 8Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
G008.A (2/00)
Designed for use in 50
Ω Wideband
IC applications
Characterized for Pulse and wide
band use at 50
Ω impedance
Standard 6-pin DIP package or
ThinSet surface mount package
GENERAL PURPOSE
TRANSFORMERS
RF Pulse
Schematics
1 2 3
64
5
6 5 4
13
64
13
6 5 4
13
2
Turns
Primary
Primary
PRI/SEC
PRI/SEC
Primary
Secondary
Bandwidth
Schematic/
Part
Ratio
Pulse
ET-
Cww
Leakage
DCR
DCR
for -3 dB Loss
Package
Number
(±5%)
Inductance
Constant
(pF MAX)
Inductance
(
Ω MAX)
(
Ω MAX)
Low Freq High Freq
Style
(µH MIN)
(v-µS MIN)
(µH MAX)
(MHz)
(MHz)
SURFACE MOUNT*
PE-65457
1CT:1CT
80
2.5
15
0.18
0.20
0.20
0.05
90
A / SMT1
PE-65459
1CT:2CT
40
2.0
15
0.14
0.20
0.30
0.05
110
A / SMT1
23Z247SMD
1:1CT
80
2.5
15
0.18
0.20
0.20
0.05
90
B / SMT2
THROUGH HOLE
PE-62245A
1:1
40
2.5
12
0.15
0.20
0.20
0.05
110
C / TH10
PE-62246A
1CT:1CT
40
2.5
15
0.18
0.20
0.20
0.05
90
D / TH10
PE-62250A
1:2CT
25
2.0
15
0.14
0.20
0.30
0.10
110
B / TH10
PE-62252A
1: 2CT
40
2.5
18
0.20
0.20
0.30
0.05
80
B / TH10
PE-62254A
1:4CT
10
1.25
10
0.10
0.20
0.60
0.20
60
B / TH10
*NOTE:
To order Tape & Reel packaging for surface mount parts, add the suffix “T” to the part number. (Example: PE-65457T). The “T” will appear on all
paper work, but will not be marked on parts.
Electrical Specifications @ 25°C — Operating Temperature 0°C to 70°C
A
B
C
D
U.S: 858 674 8100
• U.K: 44 1483 401 700 • France: 33 3 84 35 04 04 • Singapore: 65 287 8998 •• Taiwan: 886 2 2698 0228 • http://www.pulseeng.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com