Electronic Components Datasheet Search
  English  ▼

X  

SM2 Datasheet(PDF) 6 Page - Pulse A Technitrol Company

Part # SM2
Description  2Watt Pulse, Electrostatically Shielded
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SM2 Datasheet(HTML) 6 Page - Pulse A Technitrol Company

  SM2 Datasheet HTML 1Page - Pulse A Technitrol Company SM2 Datasheet HTML 2Page - Pulse A Technitrol Company SM2 Datasheet HTML 3Page - Pulse A Technitrol Company SM2 Datasheet HTML 4Page - Pulse A Technitrol Company SM2 Datasheet HTML 5Page - Pulse A Technitrol Company SM2 Datasheet HTML 6Page - Pulse A Technitrol Company SM2 Datasheet HTML 7Page - Pulse A Technitrol Company SM2 Datasheet HTML 8Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
G008.A (2/00)
6
.018
TYP
0,46
23Z247SMD
Date Code
Country of Origin
.300
7,62
.200
5,08
.265
6,73
.020
TYP
0,51
.210
5,33
.030
0,76
.260
6,60
.400
10,16
.100
TYP
2,54
.080
2,03
.200
5,08
SUGGESTED PAD LAYOUT
.360
9,14
0°-8°
.100
TYP
2,54
.005/.010
0,13/0,25
.340
8,64
.285
7,24
.100
2,54
PE-XXXXX
DATE CODE
COUNTRY OF ORIGIN
.005/0,13
6 Surfaces
MAX
.200
5,08
.098
2,50
MAX
6
5
1
2
.260
6,60
MAX
SUGGESTED PAD LAYOUT
.050
1,27
.285
7,24
.060
1,52
.100
2,54
.200
5,08
43
GENERAL PURPOSE
TRANSFORMERS
RF Pulse
Mechanicals
PE-65457
PE-65459
Weight ................... 0.2 grams ........ 0.1 grams
Tube ........................... 60/tube ............ 60/tube
Tape & Reel ............ 1500/reel ......... 1500/reel
Dimensions: inches
mm
Unless otherwise specified, all tolerances are ±
.010
0,25
Dimensions: inches
mm
Unless otherwise specified, all tolerances are ±
.005
0,13
Dimensions: inches
mm
Unless otherwise specified, all tolerances are ±
.010
0,25
.275
MAX
6,99
1
2
3
6
54
.300
MAX
7,62
.245
MAX
6,22
.130
3,30
.100
2,54
.200
5,08
.300
MIN
7,62
.350
MAX
8,89
PE-XXXXX
DATE CODE
COUNTRY OF ORIGIN
TH10
Weight ................... 0.5 grams
Tube ........................... 76/tube
Tape & Reel .............. 750/reel
Weight ................... 0.6 grams
Tube ........................... 65/tube
SMT 1
SMT 2
U.S: 858 674 8100
• U.K: 44 1483 401 700 • France: 33 3 84 35 04 04 • Singapore: 65 287 8998 •• Taiwan: 886 2 2698 0228 •• http://www.pulseeng.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com