Electronic Components Datasheet Search
  English  ▼

X  

DS8908B Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8908B
Description  AM/FM Digital Phase-Locked Loop Frequency Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8908B Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS8908B Datasheet HTML 1Page - National Semiconductor (TI) DS8908B Datasheet HTML 2Page - National Semiconductor (TI) DS8908B Datasheet HTML 3Page - National Semiconductor (TI) DS8908B Datasheet HTML 4Page - National Semiconductor (TI) DS8908B Datasheet HTML 5Page - National Semiconductor (TI) DS8908B Datasheet HTML 6Page - National Semiconductor (TI) DS8908B Datasheet HTML 7Page - National Semiconductor (TI) DS8908B Datasheet HTML 8Page - National Semiconductor (TI) DS8908B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AC Electrical Characteristics VCC
5V TA
25 C tr s 10 ns tf s 10 ns (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tEN0
Minimum ENABLE Low
375
750
ns
Pulse Width
tCLKEN0
Minimum Time before ENABLE
Goes Low That CLOCK Must
b
50
0
ns
Be Low
tEN0CLK
Minimum Time after ENABLE
Goes Low That CLOCK Must
275
550
ns
Remain Low
tCLKEN1
Minimum Time before ENABLE
Goes High That Last Positive
300
600
ns
CLOCK Edge May Occur
tEN1CLK
Minimum Time after ENABLE
Goes High before an Unused
175
350
ns
Positive CLOCK Edge May Occur
tCLKH
Minimum CLOCK High
275
550
ns
Pulse Width
tCLKL
Minimum CLOCK Low
400
800
ns
Pulse Width
tDS
Minimum DATA Set-Up Time
Minimum Time before CLOCK
150
300
ns
That DATA Must Be Valid
tDH
Minimum DATA Hold Time
Minimum Time after CLOCK
400
800
ns
That DATA Must Remain Valid
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Unless otherwise specified minmax limits apply across the
40 Cto a85 C temperature range for the DS8908B
Note 3
All currents into device pins shown as positive out of device pins as negative all voltage referenced to ground unless otherwise noted All values shown as
max or min on absolute value basis
Schematic Diagrams (DS8908B AMFM PLL Typical InputOutput Schematics)
TLF5111 4
TLF5111 2
TLF5111 3
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com