Electronic Components Datasheet Search
  English  ▼

X  

DS8908B Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8908B
Description  AM/FM Digital Phase-Locked Loop Frequency Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8908B Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DS8908B Datasheet HTML 2Page - National Semiconductor (TI) DS8908B Datasheet HTML 3Page - National Semiconductor (TI) DS8908B Datasheet HTML 4Page - National Semiconductor (TI) DS8908B Datasheet HTML 5Page - National Semiconductor (TI) DS8908B Datasheet HTML 6Page - National Semiconductor (TI) DS8908B Datasheet HTML 7Page - National Semiconductor (TI) DS8908B Datasheet HTML 8Page - National Semiconductor (TI) DS8908B Datasheet HTML 9Page - National Semiconductor (TI) DS8908B Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Timing Diagrams (Continued)
AMFM Frequency Synthesizer (Scan Mode)
TLF5111 12
Timing diagrams are not drawn to scale Scale within any one drawing may not be consistent and intervals are defined positive as drawn
SERIAL DATA ENTRY INTO THE DS8908B
Serial information entry into the DS8908B is enabled by a
low level on the ENABLE input One binary bit is then ac-
cepted from the DATA input with each positive transition of
the CLOCK input The CLOCK input must be low for the
specified time preceding and following the negative tran-
sition of the ENABLE input
The first two bits accepted following the negative transition
of the ENABLE input are interpreted as address If these
address bits are
not 11 no further information will be ac-
cepted fromt he DATA inputs and the internal data latches
will not be changed when ENABLE returns high
If these first two bits
are 11 then all succeeding bits are
accepted as data and are shifted successively into the in-
ternal shift register as long as ENABLE remains low
Any data bits preceding the 19th to last bit will be shifted
out and thus are irrelevant Data bits are counted as any
bits
following two valid address bits (11) with the ENABLE
low When the ENABLE input returns high any further serial
data entry is inhibited Upon this positive transition the data
in the internal shift register is transferred into the internal
data latches Note that until this time the states of the inter-
nal data latches have remained unchanged
These data bits are interpreted as follows
Data Bit Position
Data Interpretation
Last
Bit 19 Output (Pin 2)
2nd to Last
Bit 18 Output (Pin 1)
3rd to Last
Ref Freq Select Bit(1)17
4th to Last
Ref Freq Select Bit(1)16
5th to Last
AMFM Select Bit 15
6th to Last
(213)
7th to Last
(212)
8th to Last
(211)
9th to Last
(210)
10th to Last
(29)
11th to Last
(28)
12th to Last
(27)
d
N(2)
13th to Last
(26)
14th to Last
(25)
15th to Last
(24)
16th to Last
(23)
17th to Last
(22)
18th to Last
(21)
19th to Last
LSB of dN(20)
-
Note 1
See Reference Frequency Select Truth Table
Note 2
The actual divide code is Na1 ie the number loaded plus 1
Truth Table
Reference Frequency Selection Truth Table
Serial Data
Reference
Frequency
Bit 16
Bit 17
(kHz)
11
20
10
10
01
9
00
1
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com