Electronic Components Datasheet Search
  English  ▼

X  

LT1676 Datasheet(PDF) 28 Page - Linear Technology

Part # LT1676
Description  Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1676 Datasheet(HTML) 28 Page - Linear Technology

Back Button LT1676 Datasheet HTML 20Page - Linear Technology LT1676 Datasheet HTML 21Page - Linear Technology LT1676 Datasheet HTML 22Page - Linear Technology LT1676 Datasheet HTML 23Page - Linear Technology LT1676 Datasheet HTML 24Page - Linear Technology LT1676 Datasheet HTML 25Page - Linear Technology LT1676 Datasheet HTML 26Page - Linear Technology LT1676 Datasheet HTML 27Page - Linear Technology LT1676 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
28
LT1766/LT1766-5
1766fa
LT/TP 0903 1K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 2001
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1074/LT1074HV
4.4A (IOUT), 100kHz, High Efficiency Step-Down DC/DC Converters
VIN: 7.3V to 45V/64V, VOUT(MIN): 2.21V, IQ: 8.5mA,
ISD: 10µA, DD-5/7, TO220-5/7
LT1076/LT1076HV
1.6A (IOUT), 100kHz, High Efficiency Step-Down DC/DC Converters
VIN: 7.3V to 45V/64V, VOUT(MIN): 2.21V, IQ: 8.5mA,
ISD: 10µA, DD-5/7, TO220-5/7
LT1616
500mA (IOUT), 1.4MHz, High Efficiency
VIN: 3.6V to 25V, VOUT(MIN): 1.25V, IQ: 1.9mA,
Step-Down DC/DC Converter
ISD: <1µA, ThinSOT™
LT1676
60V, 440mA (IOUT), 100kHz, High Efficiency
VIN: 7.4V to 60V, VOUT(MIN): 1.24V, IQ: 3.2mA,
Step-Down DC/DC Converter
ISD: 2.5µA, S8
LT1765
25V, 2.75A (IOUT), 1.25MHz, High Efficiency
VIN: 3V to 25V, VOUT(MIN): 1.20V, IQ: 1mA,
Step-Down DC/DC Converter
ISD: 15µA, S8, TSSOP16E
LT1766
60V, 1.2A (IOUT), 200kHz, High Efficiency
VIN: 5.5V to 60V, VOUT(MIN): 1.20V, IQ: 2.5mA,
Step-Down DC/DC Converter
ISD: 25µA, TSSOP16/E
LT1767
25V, 1.2A (IOUT), 1.25MHz, High Efficiency
VIN: 3V to 25V, VOUT(MIN): 1.20V, IQ: 1mA,
Step-Down DC/DC Converter
ISD: 6µA, MS8/E
LT1776
40V, 550mA (IOUT), 200kHz, High Efficiency
VIN: 7.4V to 40V, VOUT(MIN): 1.24V, IQ: 3.2mA,
Step-Down DC/DC Converter
ISD: 30µA, N8,S8
LT1940
Dual Output 1.4A (IOUT), Constant 1.1MHz, High Efficiency
VIN: 3V to 25V, VOUT(MIN): 1.20V, IQ: 2.5mA,
Step-Down DC/DC Converter
ISD: <1µA, TSSOP-16E
LT1956
60V, 1.2A (IOUT), 500kHz, High Efficiency
VIN: 5.5V to 60V, VOUT(MIN): 1.20V, IQ: 2.5mA,
Step-Down DC/DC Converter
ISD: 25µA, TSSOP16/E
LT1976
60V, 1.2A (IOUT), 200kHz, Micropower (IQ = 100µA), High Efficiency
VIN: 3.3V to 60V, VOUT(MIN): 1.20V, IQ: 100µA,
Step-Down DC/DC Converter
ISD: <1µA, TSSOP16/E
LT3010
80V, 50mA, Low Noise Linear Regulator
VIN: 1.5V to 80V, VOUT(MIN): 1.28V, IQ: 30µA,
ISD: <1µA, MS8E
LTC3412
2.5A (IOUT), 4MHz, Synchronous Step-Down DC/DC Converter
VIN: 2.5V to 5.5V, VOUT(MIN): 0.8V, IQ: 60µA,
ISD: <1µA, TSSOP16E
LTC3414
4A (IOUT), 4MHz, Synchronous Step-Down DC/DC Converter
VIN: 2.3V to 5.5V, VOUT(MIN): 0.8V, IQ: 64µA,
ISD: <1µA, TSSOP20E
LT3430/LT3431
60V, 2.75A (IOUT), 200kHz/500kHz, High Efficiency
VIN: 5.5V to 60V, VOUT(MIN): 1.20V, IQ: 2.5mA,
Step-Down DC/DC Converters
ISD: 30µA, TSSOP16E
LT3433
High Voltage, Micropower (IQ = 100µA), Buck-Boost DC/DC Converter
VIN: 4V to 60V, IQ: 100µA, 500mA Switch Current,
TSSOP16E
LTC3727/LTC3727-1
36V, 500kHz, High Efficiency Step-Down DC/DC Controllers
VIN: 4V to 36V, VOUT(MIN): 0.8V, IQ: 670µA,
ISD: 20µA, QFN-32, SSOP-28
ThinSOT is a trademark of Linear Technology Corporation.
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com