Electronic Components Datasheet Search
  English  ▼

X  

LT1676 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1676
Description  Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1676 Datasheet(HTML) 5 Page - Linear Technology

  LT1676 Datasheet HTML 1Page - Linear Technology LT1676 Datasheet HTML 2Page - Linear Technology LT1676 Datasheet HTML 3Page - Linear Technology LT1676 Datasheet HTML 4Page - Linear Technology LT1676 Datasheet HTML 5Page - Linear Technology LT1676 Datasheet HTML 6Page - Linear Technology LT1676 Datasheet HTML 7Page - Linear Technology LT1676 Datasheet HTML 8Page - Linear Technology LT1676 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
LT1766/LT1766-5
1766fa
Switching Frequency
BOOST Pin Current
VC Pin Shutdown Threshold
Minimum Input Voltage with 5V
Output
Switch Voltage Drop
TYPICAL PERFOR A CE CHARACTERISTICS
JUNCTION TEMPERATURE (
°C)
–50
50
100
1766 G10
0
25
75
230
220
210
200
190
180
170
–25
125
LOAD CURRENT (A)
0
1766 G11
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
7.5
7.0
6.5
6.0
5.5
5.0
MINIMUM INPUT
VOLTAGE TO START
MINIMUM INPUT
VOLTAGE TO RUN
TA = 25°C
SWITCH CURRENT (A)
0
0.5
1
1.5
1766 G12
45
40
35
30
25
20
15
10
5
0
TA = 25°C
JUNCTION TEMPERATURE (
°C)
–50
1.5
1.7
2.1
25
75
1766 G13
1.3
1.1
–25
0
50
100
125
0.9
0.7
1.9
SWITCH CURRENT (A)
0
0.5
1
1.5
1766 G14
450
400
350
300
250
200
150
100
50
0
TJ = 125°C
TJ = 25°C
TJ = –40°C
PI FU CTIO S
GND (Pins 1, 8, 9, 16, 17): The GND pin connections act
as the reference for the regulated output, so load regula-
tion will suffer if the “ground” end of the load is not at the
same voltage as the GND pins of the IC. This condition will
occur when load current or other currents flow through
metal paths between the GND pins and the load ground.
Keep the paths between the GND pins and the load ground
short and use a ground plane when possible. The GND pin
also acts as a heat sink and should be soldered to a large
copper plane to reduce thermal resistance. For the FE
package, the exposed pad should be soldered to the
copper ground plane underneath the device. (See Applica-
tions Information—Layout Considerations.)
SW (Pin 2): The switch pin is the emitter of the on-chip
power NPN switch. This pin is driven up to the input pin
voltage during switch on time. Inductor current drives the
switch pin negative during switch off time. Negative volt-
age is clamped with the external catch diode. Maximum
negative switch voltage allowed is – 0.8V.
NC (Pins 3, 5, 7, 13): No Connection.
Switch Minimum ON Time
vs Temperature
JUNCTION TEMPERATURE (
°C)
–50
400
500
600
25
75
1766 G15
300
200
–25
0
50
100
125
100
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com