Electronic Components Datasheet Search
  English  ▼

X  

LT1397 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1397
Description  Single/Dual Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1397 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1397 Datasheet HTML 5Page - Linear Technology LT1397 Datasheet HTML 6Page - Linear Technology LT1397 Datasheet HTML 7Page - Linear Technology LT1397 Datasheet HTML 8Page - Linear Technology LT1397 Datasheet HTML 9Page - Linear Technology LT1397 Datasheet HTML 10Page - Linear Technology LT1397 Datasheet HTML 11Page - Linear Technology LT1397 Datasheet HTML 12Page - Linear Technology LT1397 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1818/LT1819
18189f
TYPICAL PERFOR A CE CHARACTERISTICS
Distortion vs Frequency, AV = 1
FREQUENCY (Hz)
–60
–70
–80
–90
–100
–110
–120
18189 G28
1M
10M
2M
5M
AV = 1
VS = ±5V
VO = 2VP-P
3RD, RL = 100
2ND, RL = 100
3RD, RL = 500
2ND, RL = 500
Small-Signal Transient, 20dB Gain
Large-Signal Transient, AV = –1
Large-Signal Transient, AV = 1
Large-Signal Transient, AV = –1
Channel Separation
vs Frequency
Distortion vs Frequency, AV = 1
FREQUENCY (Hz)
10k
60
80
100k
1M
10M
100M
1G
18188 G29
40
20
10
100
70
90
50
30
110
TA = 25°C
VS = ±5V
AV = –1
RF = RG = RL = 500Ω
0.1% Settling Time
INPUT
TRIGGER
(1V/DIV)
OUTPUT
SETTLING
RESIDUE
(5mV/DIV)
VS = ±5V
5ns/DIV
18189 G30
VOUT = ±2.5V
SETTLING TIME = 9ns
AV = –1
RF = RG = 500Ω
CF = 4.1pF
2V/DIV
VS = ±5V
5ns/DIV
18189 G32
20mV/DIV
10ns/DIV
18189 G31
1V/DIV
VS = ±5V
10ns/DIV
18189 G34
1V/DIV
VS = ±5V
10ns/DIV
18189 G33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com