Electronic Components Datasheet Search
  English  ▼

X  

LT1397 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1397
Description  Single/Dual Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1397 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1397 Datasheet HTML 8Page - Linear Technology LT1397 Datasheet HTML 9Page - Linear Technology LT1397 Datasheet HTML 10Page - Linear Technology LT1397 Datasheet HTML 11Page - Linear Technology LT1397 Datasheet HTML 12Page - Linear Technology LT1397 Datasheet HTML 13Page - Linear Technology LT1397 Datasheet HTML 14Page - Linear Technology LT1397 Datasheet HTML 15Page - Linear Technology LT1397 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1818/LT1819
18189f
LT/TP 0103 2K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 2002
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1395/LT1396/LT1397
Single/Dual/Quad 400MHz Current Feedback Amplifiers
4.6mA Supply Current
LT1806/LT1807
Single/Dual 325MHz, 140V/
µs Rail-to-Rail I/O Op Amps
Low Noise: 3.5nV/
√Hz
LT1809/LT1810
Single/Dual 180MHz, 350V/
µs Rail-to-Rail I/O Op Amps
Low Distortion: –90dBc at 5MHz
LT1812/LT1813/LT1814
Single/Dual/Quad 100MHz, 750V/
µs Op Amps
Low Power: 3.6mA Max at
±5V
LT1815/LT1816/LT1817
Single/Dual/Quad 220MHz, 1500V/
µs Op Amps
Programmable Supply Current
LT6203/LT6204
Dual/Quad 100MHz, Rail-to-Rail I/O Op Amps
1.9nV/
√Hz Noise, 3mA Max
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www linear.com
–
+
1/2 LT1819
VIN
VOUT
18189 TA03
200
Ω
432
Ω
–
+
1/2 LT1819
200
Ω
–3dB BANDWIDTH: 80MHz
432
Ω
FREQUENCY (Hz)
0
10
20
25
100k
10M
100M
18189 TA04
–10
1M
15
5
–5
VS = ±5V
TA = 25°C
80MHz, 20dB Gain Block
20dB Gain Block Frequency Response
TYPICAL APPLICATIO
Large-Signal Transient Response
10ns/DIV
18189 TA07
1V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com