| Electronic Components Datasheet Search |
|
LT1815 Datasheet(PDF) 7 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1815 Datasheet(HTML) 7 Page - Linear Technology |
|
7 / 16 page ![]() 7 LT1818/LT1819 18189f TYPICAL PERFOR A CE CHARACTERISTICS Output Current vs Temperature Output Impedance vs Frequency Output Short-Circuit Current vs Temperature Gain Bandwidth and Phase Margin vs Temperature Gain and Phase vs Frequency Gain vs Frequency, AV = 1 Gain vs Frequency, AV = 2 TEMPERATURE ( °C) –50 160 200 240 25 75 18189 G10 120 80 –25 0 50 100 125 40 0 SOURCE SINK VS = ± 5V VIN = ±1V TEMPERATURE (˚C) –50 100 125 150 25 75 18189 G11 75 50 –25 0 50 100 125 25 0 ∆VOS = 30mV VOUT = ±3V FOR VS = ±5V VOUT = ±1V FOR VS = ±2.5V SOURCE, VS = ±5V SINK, VS = ±5V SOURCE, VS = ±2.5V SINK, VS = ±2.5V FREQUENCY (Hz) 10k 100k 0.01 0.1 100 1M 10M 100M 18189 G12 1 10 AV = 100 AV = 10 AV = 1 TA = 25°C VS = ± 5V FREQUENCY (Hz) 10k 20 30 40 50 60 100k 1M 500M 100M 10M 18189 G13 10 0 –10 –20 70 80 60 80 100 120 140 40 20 0 –20 160 180 TA = 25°C AV = –1 RL = 500Ω GAIN PHASE TEMPERATURE ( °C) –50 –25 440 0 50 75 18189 G15 30 50 40 400 360 25 100 125 GBW VS = ± 5V GBW VS = ±2.5V RL = 500Ω PHASE MARGIN VS = ±2.5V PHASE MARGIN VS = ±5V FREQUENCY (Hz) 1M –5 0 10M 100M 500M 18189 G16 –10 5 TA = 25°C AV = 1 RL = 500Ω VS = ±2.5V VS = ±5V FREQUENCY (Hz) 1M 10M 100M 300M 18189 G17 5 0 –5 –10 10 TA = 25°C AV = 2 VS = ±5V RF = RG = 500Ω CF = 1pF RL = 500Ω RL = 100Ω Gain vs Frequency, AV = – 1 FREQUENCY (Hz) 1M –5 0 10M 100M 300M 18189 G18 –10 5 TA = 25°C AV = –1 RL = RF = RG = 500Ω VS = ±2.5V VS = ±5V |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |