Electronic Components Datasheet Search
  English  ▼

X  

LT5502 Datasheet(PDF) 7 Page - Linear Technology

Part # LT5502
Description  800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5502 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT5502 Datasheet HTML 3Page - Linear Technology LT5502 Datasheet HTML 4Page - Linear Technology LT5502 Datasheet HTML 5Page - Linear Technology LT5502 Datasheet HTML 6Page - Linear Technology LT5502 Datasheet HTML 7Page - Linear Technology LT5502 Datasheet HTML 8Page - Linear Technology LT5502 Datasheet HTML 9Page - Linear Technology LT5502 Datasheet HTML 10Page - Linear Technology LT5502 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LT5516
7
5516f
GND (Pins 1, 4): Ground Pin.
RF+, RF– (Pins 2, 3): Differential RF Input Pins. These
pins are internally biased to 1.54V. They must be driven
with a differential signal. An external matching network is
required for impedance transformation.
VCC (Pins 5, 8, 9, 12): Power Supply Pins. These pins
should be decoupled using 1000pF and 0.1
µF capacitors.
VCM (Pin 6): Common Mode and DC Return for the I-Mixer
and Q-Mixer. An external resistor must be connected
between this pin and ground to set the dc bias current of
the I/Q demodulator.
EN (Pin 7): Enable Pin. When the input voltage is higher
than 1.6V, the circuit is completely turned on. When the
input voltage is less than 1.3V, the circuit is turned off.
PI FU CTIO S
LO+, LO– (Pins 10, 11): Differential Local Oscillator Input
Pins. These pins are internally biased to 2.44V. They can
be driven single-ended by connecting one to an AC ground
through a 1000pF capacitor. However, differential input
drive is recommended to minimize LO feedthrough to the
RF input pins.
QOUT–, QOUT+ (Pins 13, 14): Differential Baseband Output
Pins of the Q-Channel. The internal DC bias voltage is VCC
–0.68V for each pin.
IOUT–, IOUT+ (Pins 15, 16): Differential Baseband Output
Pins of the I-Channel. The internal DC bias voltage is VCC
–0.68V for each pin.
GROUND (Pin 17, Backside Contact): Ground Return for
the Entire IC. This pin must be soldered to the printed
circuit board ground plane.
BLOCK DIAGRA
RF+
IOUT
+
LO+
LO–
0
°/90°
BIAS
16
IOUT
–
15
QOUT
+
14
QOUT
–
13
LO BUFFERS
LPF
I-MIXER
LPF
Q-MIXER
2
5
VCC
7
EN
1
GND GND
8
VCC
9
4
VCC
12
VCC
RF –
5516 BD
3
VCM 6
17
10
11
RF AMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com