Electronic Components Datasheet Search
  English  ▼

X  

LT5502 Datasheet(PDF) 8 Page - Linear Technology

Part # LT5502
Description  800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5502 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT5502 Datasheet HTML 4Page - Linear Technology LT5502 Datasheet HTML 5Page - Linear Technology LT5502 Datasheet HTML 6Page - Linear Technology LT5502 Datasheet HTML 7Page - Linear Technology LT5502 Datasheet HTML 8Page - Linear Technology LT5502 Datasheet HTML 9Page - Linear Technology LT5502 Datasheet HTML 10Page - Linear Technology LT5502 Datasheet HTML 11Page - Linear Technology LT5502 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LT5516
8
5516f
TEST CIRCUITS
IOUT
–
J3
IOUT
+
J4
RF
J1
QOUT
+
J5
QOUT
–
J6
REFERENCE
DESIGNATION
VALUE
SIZE
PART NUMBER
C1,C2,C5,C6,C7
1nF
0402
AVX 04025C102JAT
C3
0.1
µF
0402
AVX 0402ZD104KAT
C4
2.2
µF
3216
AVX TPSA225M010R1800
L1
33nH
0402
Murata LQP10A
L4
27nH
0402
Murata LQP10A
R1
8.2
Ω
0402
R2
100k
0402
R3
1k
0402
T1, T2
1:4
Murata LDB31900M20C-416
6
T1
LDB31900M20C-416
1
L1
33nH
4
C1
1nF
2
3
5516 F02
LO
J2
6
T2
LDB31900M20C-416
1
L4
27nH
4
C2
1nF
2
3
C5
1nF
R1
8.2
Ω
R2
100k
R3 1k
EN
C7
1nF
C6
1nF
C3
0.1
µF
C4
2.2
µF
VCC
LT5516
GND
RF+
RF
–
GND
VCC
LO–
LO+
VCC
Figure 2. 900MHz Evaluation Circuit Schematic
Figure 4. Component Side Layout of Evaluation Board
Figure 3. Component Side Silkscreen of Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com