Electronic Components Datasheet Search
  English  ▼

X  

AD7183 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7183
Description  Advanced Video Decoder with 10-Bit ADC and Component Input Support
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7183 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7183 Datasheet HTML 4Page - Analog Devices AD7183 Datasheet HTML 5Page - Analog Devices AD7183 Datasheet HTML 6Page - Analog Devices AD7183 Datasheet HTML 7Page - Analog Devices AD7183 Datasheet HTML 8Page - Analog Devices AD7183 Datasheet HTML 9Page - Analog Devices AD7183 Datasheet HTML 10Page - Analog Devices AD7183 Datasheet HTML 11Page - Analog Devices AD7183 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
REV. 0
–8–
ADV7183
PIN FUNCTION DESCRIPTIONS (continued)
Pin
Mnemonic
Input/Output
Function
40, 47, 53, 56,
AVSS
G
Ground for Analog Supply
63
41, 43, 45, 57,
AVSS1–6
G
Analog Input Channels. Ground if single-ended mode is selected. These
59, 61
pins should be connected directly to REFOUT when differential mode is
selected.
42, 44, 46, 58,
AIN1–6
I
Video Analog Input Channels
60, 62
48, 49
CAPY1–2
I
ADC Capacitor Network
50
AVDD
P
Analog Supply Voltage (5 V)
51
REFOUT
O
Internal Voltage Reference Output
52
CML
O
Common-Mode Level for ADC
54, 55
CAPC1–2
I
ADC Capacitor Network
64
RESET
I/O
System Reset Input. Active Low.
65
ISO
I
Input Switch Over. A low to high transition on this input indicates to the
decoder core that the input video source has been changed externally and
configures the decoder to reacquire the new timing information of the new
source. This is useful in applications where external video muxes are used.
This input gives the advantage of faster locking to the external muxed
video sources. A low to high transition triggers this input.
66
ALSB
I
TTL Address Input. Selects the MPU address:
MPU address = 88h ALSB = 0, disables I
2C filter
MPU address = 8Ah ALSB = 1, enables I
2C filter
67
SDATA
I/O
MPU Port Serial Data Input/Output
68
SCLK
I
MPU Port Serial Interface Clock Input
69
VREF/
VRESET
O
VREF or Vertical Reference Output Signal. Indicates start of next field.
VRESET or Vertical Reset Output is a signal that indicates the beginning
of a new field. In SCAPI/CAPI mode this signal is one clock wide and
active low relative to CLKIN. It immediately follows the
HRESET pixel,
and indicates that the next active pixel is the first active pixel of the next
field.
70
HREF/
HRESET
O
HREF or Horizontal Reference Output Signal. A dual-function pin
(enabled when Line-Locked Interface is selected, OM_SEL[1:0] = 0,0),
this signal is used to indicate data on the YUV output. The positive slope
indicates the beginning of a new active line; HREF is always 720 Y samples
long.
HRESET or Horizontal Reset Output (enabled when SCAPI or
CAPI is selected, OM_SEL[1:0] = 0, 1 or 1, 0) is a signal that indicates the
beginning of a new line of video. In SCAPI/CAPI this signal is one clock
cycle wide and is output relative to CLKIN. It immediately follows the last
active pixel of a line. The polarity is controlled via PHVR.
77
RD
I
Asynchronous FIFO Read Enable Signal. A logical high on this pin enables
a read from the output of the FIFO.
78
DV
O
DV or Data Valid Output Signal. In SCAPI/CAPI mode, DV performs two
functions, depending on whether SCAPI or CAPI is selected. It toggles
high when the FIFO has reached the AFF margin set by the user, and
remains high until the FIFO is empty. The alternative mode is where it can
be used to control FIFO reads for bursting information out of the FIFO. In
API mode DV indicates valid data in the FIFO, which includes both pixel
information and control codes. The polarity of this pin is controlled via PDV.
79
OE
I
Output Enable Controls Pixel Port Outputs. A logic high will three-state
P19–P0.
80
FIELD
O
ODD/EVEN Field Output Signal. An active state indicates that an even
field is being digitized. The polarity of this signal is controlled by the PF bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com